Electronic Components Datasheet Search
  English  ▼

X  

LT3795 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3795
Description  38VIN Boost 關Module Regulator for LED Drive with 10A Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3795 Datasheet(HTML) 5 Page - Linear Technology

  LT3795 Datasheet HTML 1Page - Linear Technology LT3795 Datasheet HTML 2Page - Linear Technology LT3795 Datasheet HTML 3Page - Linear Technology LT3795 Datasheet HTML 4Page - Linear Technology LT3795 Datasheet HTML 5Page - Linear Technology LT3795 Datasheet HTML 6Page - Linear Technology LT3795 Datasheet HTML 7Page - Linear Technology LT3795 Datasheet HTML 8Page - Linear Technology LT3795 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTM8005
5
8005f
For more information www.linear.com/LTM8005
TYPICAL PERFORMANCE CHARACTERISTICS
VREF vs Load
Switching Frequency
vs SS Voltage
Demonstration Circuit DC2257A
Output Current Ripple 34V at 1.2A
LED, 12VIN
DC2257A Conducted EMI with and
without Spread Spectrum Enabled
LED Current vs CTRL1
LED Current vs CTRL2
LED Current vs FB
(CTRL1=CTRL2=VREF)
TA = 25°C, unless otherwise noted.
CTRL1 VOLTAGE (V)
0
0.25
0.50
0.75
1
1.25
1.50
0
0.4
0.8
1.2
1.6
2.0
8005 G01
CTRL2 VOLTAGE (V)
0
0.25
0.50
0.75
1
1.25
1.50
0
0.4
0.8
1.2
1.6
2.0
8005 G02
VFB (V)
0
0.3
0.6
0.9
1.2
1.5
0
0.5
1.0
1.5
2.0
8005 G03
VREF vs Load Current
LOAD CURRENT (µA)
0
45
90
135
180
0
0.5
1.0
1.5
2.0
2.5
8005 G04
VSS (V)
0
0.3
0.6
0.9
1.2
1.5
RT = 23.2k
0
70
140
210
280
350
8005 G05
1µs/DIV
CURRENT RIPPLE
50mA/DIV
8005 G06
CRAMP = 22nF
SPREAD SPECTRUM DISABLED
SPREAD SPECTRUM ENABLED
FREQUENCY (MHz)
0.1
1.1
2.1
3.0
4.0
5.0
1
21
41
60
80
100
8005 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com