Electronic Components Datasheet Search
  English  ▼

X  

LT3795 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3795
Description  38VIN Boost 關Module Regulator for LED Drive with 10A Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3795 Datasheet(HTML) 3 Page - Linear Technology

  LT3795 Datasheet HTML 1Page - Linear Technology LT3795 Datasheet HTML 2Page - Linear Technology LT3795 Datasheet HTML 3Page - Linear Technology LT3795 Datasheet HTML 4Page - Linear Technology LT3795 Datasheet HTML 5Page - Linear Technology LT3795 Datasheet HTML 6Page - Linear Technology LT3795 Datasheet HTML 7Page - Linear Technology LT3795 Datasheet HTML 8Page - Linear Technology LT3795 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTM8005
3
8005f
For more information www.linear.com/LTM8005
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
5
V
LED DC Current
CTRL1=1.5V
CTRL1=0.6V
CTRL1=0.2V
1.65
0.8
0.16
A
A
A
SW Current Limit
10
12
14
A
SW RDS(ON)
19
m
ISMON Voltage
ILED =1.5A
0.88
0.96
V
Quiescent Current into VIN
EN/UVLO=0V (Disabled), PWM=0V
EN/UVLO=1.15V, PWM=0V
RT =82.5K to GND, FB=1.5V (Not Switching)
35
40
3.5
µA
µA
mA
VREF Voltage
IREF =–100µA
l
1.95
2.00
2.08
V
VREF Line Regulation
5V < VIN < 48V
0.1
%
VREF Load Regulation
–100µA < IREF < 0µA
1
%
SS Current
Sourcing, SS=0V
Sinking, ILED Overcurrent
28
2.8
µA
µA
ILED Overcurrent Threshold
2.4
A
ISN-LED RDS(ON)
53
m
VC Output Impedance
2000
k
VC Standby Input Bias Current
PWM=0V
–20
20
nA
VC Pin Current
VC=1.2V, Sourcing
VC=1.2V, Sinking
10
30
µA
µA
Voltage at FB pin
l
1.23
1.25
1.27
V
FB Amplifier gm
500
µS
FB Pin Input Bias Current
Current Out of Pin, FB=VFB
200
nA
FB OPENLED Threshold
OPENLED Falling
1.176
1.222
V
FB Overvoltage Threshold
1.26
1.34
V
FB SHORTLED Threshold
SHORTLED Falling
300
350
mV
LED Current C/10 Threshold
0.16
A
Input Current Limit Threshold
IVINP–IVINN
53
67
mV
IVINCOMP Voltage
IVINP–IVINN=60mV
1.2
V
Switching Frequency
RT =82.5k
RT =26.1k
RT =6.65k
85
240
800
105
300
1000
125
360
1200
kHz
kHz
kHz
Switching Frequency Modulation
RAMP=2V
70
%
RAMP Input Low Threshold
1
V
RAMP Input High Threshold
2
V
RAMP Pin Source Current
RAMP=0.4V
12
µA
RAMP Pin Sink Current
RAMP=1.6V
12
µA
CTRL1, CTRL2 Pin Current
CTRL1, CTRL2=1V
200
nA
PWM Input Threshold Rising
1
V
PWM Pin Bias Current
10
µA
The l denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C. CTRL1 = CTRL2 = PWM = 5V, unless otherwise noted (Note 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com