Electronic Components Datasheet Search
  English  ▼

X  

LTM8027 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8027
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8027 Datasheet HTML 3Page - Linear Technology LTM8027 Datasheet HTML 4Page - Linear Technology LTM8027 Datasheet HTML 5Page - Linear Technology LTM8027 Datasheet HTML 6Page - Linear Technology LTM8027 Datasheet HTML 7Page - Linear Technology LTM8027 Datasheet HTML 8Page - Linear Technology LTM8027 Datasheet HTML 9Page - Linear Technology LTM8027 Datasheet HTML 10Page - Linear Technology LTM8027 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTM8003
7
8003fc
For more information www.linear.com/LTM8003
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Input vs Load Current
VOUT =12V, BIAS = 5V
Input vs Load Current
VOUT =15V, BIAS = 5V
Input vs Load Current
VOUT =18V, BIAS = 5V
Input vs Load Current
VOUT =–3.3V, BIAS Tied to
LTM8003 GND
Input vs Load Current
VOUT =–5V, BIAS Tied to
LTM8003 GND
Input vs Load Current
VOUT =–8V, BIAS Tied to
LTM8003 GND
Input vs Load Current
VOUT =–12V, BIAS Tied to
LTM8003 GND
Input vs Load Current
VOUT =–15V, BIAS Tied to
LTM8003 GND
Input vs Load Current
VOUT =–18V, BIAS Tied to
LTM8003 GND
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
0
1
2
3
4
8003 G28
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
0
1
2
3
4
8003 G29
24VIN
36VIN
LOAD CURRENT (A)
0.0
1.0
2.0
3.0
4.0
5.0
6
0
1
2
3
4
5
8003 G30
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
0
0.5
1.0
1.5
2.0
2.5
8003 G31
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
0
1
2
3
8003 G32
12VIN
24VIN
LOAD CURRENT (A)
0
1
2
3
4
5
0
1
2
3
4
8003 G33
12VIN
24VIN
LOAD CURRENT (A)
0
1
2
3
0
1
2
3
4
8003 G34
12VIN
24VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0
1
2
3
4
8003 G35
12VIN
24VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
1
2
3
4
8003 G36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com