Electronic Components Datasheet Search
  English  ▼

X  

LTM8027 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8027
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027 Datasheet(HTML) 3 Page - Linear Technology

  LTM8027 Datasheet HTML 1Page - Linear Technology LTM8027 Datasheet HTML 2Page - Linear Technology LTM8027 Datasheet HTML 3Page - Linear Technology LTM8027 Datasheet HTML 4Page - Linear Technology LTM8027 Datasheet HTML 5Page - Linear Technology LTM8027 Datasheet HTML 6Page - Linear Technology LTM8027 Datasheet HTML 7Page - Linear Technology LTM8027 Datasheet HTML 8Page - Linear Technology LTM8027 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTM8003
3
8003fc
For more information www.linear.com/LTM8003
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Unless otherwise noted, the absolute minimum voltage is zero.
Note 3: The LTM8003I is guaranteed to meet specifications over the full
–40°C to 125°C internal operating temperature range. The LTM8003H
is guaranteed to meet specifications over the full –40°C to 150°C
internal operating temperature range. Note that the maximum internal
temperature is determined by specific operating conditions in conjunction
with board layout, the rated package thermal resistance and other
environmental factors. High junction temperatures degrade operating
lifetimes. Operating lifetime is derated at junction temperatures greater
than 125°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
VIN Rising
l
3.4
V
Output DC Voltage
LTM8003, RFB Open
LTM8003, RFB = 5.62k, VIN = 40V
LTM8003-3.3
0.97
18
3.3
V
Peak Output DC Current
VOUT = 3.3V, fSW =1MHz
6
A
Quiescent Current into VIN
RUN = 0V
BIAS = 0V, No Load, SYNC = 0V, Not Switching
3
8
µA
µA
Quiescent Current into BIAS
BIAS = 5V, RUN = 0V
BIAS = 5V, No Load, SYNC = 0V, Not Switching
BIAS = 5V, VOUT = 3.3V, IOUT = 3.5A, fSW =1MHz
1
5
12
µA
µA
mA
Line Regulation
5.5V < VIN < 36V, IOUT = 1A
0.5
%
Load Regulation
0.1A < IOUT < 3.5A
0.5
%
Output Voltage Ripple
IOUT = 3.5A
10
mV
Switching Frequency
RT = 232k
RT = 41.2k
RT = 10.7k
200
0.95
3
kHz
MHz
MHz
Voltage at FB
LTM8003
l
950
970
980
mV
Minimum BIAS Voltage
(Note 5)
3.2
V
RUN Threshold Voltage
0.9
1.06
V
RUN Current
1
µA
TR/SS Current
TR/SS = 0V
2
µA
TR/SS Pull Down
TR/SS = 0.1V
200
PG Threshold Voltage at FB (Upper)
FB Falling (Note 6, LTM8003)
1.05
V
PG Threshold Voltage at FB (Lower)
FB Rising (Note 6, LTM8003)
0.89
V
PG Threshold Voltage at VOUT (Upper)
VOUT Falling (Note 6, LTM8003-3.3)
3.57
V
PG Threshold Voltage at VOUT (Lower)
VOUT Rising (Note 6, LTM8003-3.3)
3.03
V
PG Leakage Current
PG = 42V
1
µA
PG Sink Current
PG = 0.1V
150
µA
SYNC Threshold Voltage
Synchronization
0.4
1.5
V
SYNC Voltage
To Enable Spread Spectrum
2.9
4.2
V
SYNC Current
SYNC = 0V
35
µA
The l denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TJ = 25°C. VIN =12V, RUN = 2V, unless otherwise noted.
Note 4: The LTM8003 contains overtemperature protection that is
intended to protect the device during momentary overload conditions. The
internal temperature exceeds the maximum operating junction temperature
when the overtemperature protection is active. Continuous operation
above the specified maximum operating junction temperature may impair
device reliability.
Note 5: Below this specified voltage, internal circuitry will draw power
from VIN.
Note 6: PG transitions from low to high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com