Electronic Components Datasheet Search
  English  ▼

X  

LTM8027 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM8027
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM8027 Datasheet HTML 19Page - Linear Technology LTM8027 Datasheet HTML 20Page - Linear Technology LTM8027 Datasheet HTML 21Page - Linear Technology LTM8027 Datasheet HTML 22Page - Linear Technology LTM8027 Datasheet HTML 23Page - Linear Technology LTM8027 Datasheet HTML 24Page - Linear Technology LTM8027 Datasheet HTML 25Page - Linear Technology LTM8027 Datasheet HTML 26Page - Linear Technology LTM8027 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LTM8003
23
8003fc
For more information www.linear.com/LTM8003
APPLICATIONS INFORMATION
number of thermal vias depends upon the printed
circuit board design. For example, a board might use
very small via holes. It should employ more thermal
vias than a board that uses larger holes.
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LTM8003. However, these capacitors
can cause problems if the LTM8003 is plugged into a live
supply (see Linear Technology Application Note 88 for a
complete discussion). The low loss ceramic capacitor
combined with stray inductance in series with the power
source forms an underdamped tank circuit, and the volt-
age at the VIN pin of the LTM8003 can ring to more than
twice the nominal input voltage, possibly exceeding the
LTM8003’sratinganddamagingthepart.Iftheinputsupply
is poorly controlled or the LTM8003 is hot-plugged into an
energized supply, the input network should be designed
to prevent this overshoot. This can be accomplished by
installing a small resistor in series to VIN, but the most
popular method of controlling input voltage overshoot is
add an electrolytic bulk cap to the VIN net. This capacitor’s
relativelyhighequivalentseriesresistancedampsthecircuit
and eliminates the voltage overshoot. The extra capacitor
improves low frequency ripple filtering and can slightly
improve the efficiency of the circuit, though it is likely to
be the largest component in the circuit.
Thermal Considerations
The LTM8003 output current may need to be derated if it
is required to operate in a high ambient temperature. The
amount of current derating is dependent upon the input
voltage, output power and ambient temperature. The
derating curves given in the Typical Performance Char-
acteristics section can be used as a guide. These curves
were generated by the LTM8003 mounted to a 58cm2
4-layer FR4 printed circuit board. Boards of other sizes
and layer count can exhibit different thermal behavior, so
it is incumbent upon the user to verify proper operation
over the intended system’s line, load and environmental
operating conditions.
For increased accuracy and fidelity to the actual applica-
tion, many designers use FEA (Finite Element Analysis)
to predict thermal performance. To that end, Page 2 of
the data sheet typically gives four thermal coefficients:
θJA – Thermal resistance from junction to ambient
θJCbottom – Thermal resistance from junction to the
bottom of the product case
θJCtop – Thermal resistance from junction to top of the
product case
θJB – Thermal resistance from junction to the printed
circuit board.
While the meaning of each of these coefficients may
seem to be intuitive, JEDEC has defined each to avoid
confusion and inconsistency. These definitions are given
in JESD51-12, and are quoted or paraphrased below:
θJA is the natural convection junction-to-ambient air
thermal resistance measured in a one cubic foot sealed
enclosure. This environment is sometimes referred to as
“still air” although natural convection causes the air to
move. This value is determined with the part mounted to
a JESD 51-9 defined test board, which does not reflect an
actual application or viable operating condition.
θJCbottom is the junction-to-board thermal resistance with
allofthecomponentpowerdissipationflowingthroughthe
bottom of the package. In the typical µModule regulator,
the bulk of the heat flows out the bottom of the package,
but there is always heat flow out into the ambient envi-
ronment. As a result, this thermal resistance value may
be useful for comparing packages but the test conditions
don’t generally match the user’s application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com