Electronic Components Datasheet Search
  English  ▼

X  

LTM8050 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM8050
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8050 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM8050 Datasheet HTML 12Page - Linear Technology LTM8050 Datasheet HTML 13Page - Linear Technology LTM8050 Datasheet HTML 14Page - Linear Technology LTM8050 Datasheet HTML 15Page - Linear Technology LTM8050 Datasheet HTML 16Page - Linear Technology LTM8050 Datasheet HTML 17Page - Linear Technology LTM8050 Datasheet HTML 18Page - Linear Technology LTM8050 Datasheet HTML 19Page - Linear Technology LTM8050 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LTM8003
16
8003fc
For more information www.linear.com/LTM8003
OPERATION
The LTM8003 is a stand-alone non-isolated step-down
switching DC/DC power supply that can deliver up to
6A. The continuous current is determined by the internal
operating temperature. It provides a precisely regulated
output voltage programmable via one external resistor
from 0.97V to 18V. The input voltage range is 3.4V to 40V.
Given that the LTM8003 is a step-down converter, make
sure that the input voltage is high enough to support the
desired output voltage and load current. Simplified Block
Diagrams are given on the previous page.
The LTM8003 contains a current mode controller, power
switching elements, power inductor and a modest amount
of input and output capacitance. The LTM8003 is a fixed
frequency PWM regulator. The switching frequency is set
by simply connecting the appropriate resistor value from
the RT pin to GND.
An internal regulator provides power to the control cir-
cuitry. This bias regulator normally draws power from the
VIN pin, but if the BIAS pin is connected to an external
voltage higher than 3.2V, bias power is drawn from the
external source (typically the regulated output voltage).
This improves efficiency. The RUN pin is used to place
the LTM8003 in shutdown, disconnecting the output and
reducing the input current to a few µA.
Toenhanceefficiency,theLTM8003automaticallyswitches
to Burst Mode operation in light or no load situations.
Between bursts, all circuitry associated with controlling
the output switch is shut down reducing the input supply
current to just a few µA.
TheoscillatorreducestheLTM8003’soperatingfrequency
when the voltage at the FB pin is low. This frequency fold-
back helps to control the output current during start-up
and overload.
The TR/SS node acts as an auxiliary input to the error
amplifier. The voltage at FB servos to the TR/SS voltage
until TR/SS goes above about 0.97V. Soft-start is imple-
mented by generating a voltage ramp at the TR/SS pin
using an external capacitor which is charged by an internal
constant current. Alternatively, driving the TR/SS pin with
a signal source or resistive network provides a tracking
function. Do not drive the TR/SS pin with a low impedance
voltage source. See the Applications Information section
for more details.
The LTM8003 contains a power good comparator which
trips when the FB pin is at about 90% to 110% of its
regulated value. The PG output is an open-drain transistor
that is off when the output is in regulation, allowing an
external resistor to pull the PG pin high. The PG signal
is valid when VIN is above 3.4V. If VIN is above 3.4V and
RUN is low, PG will drive low.
The LTM8003 is equipped with a thermal shutdown that
inhibits power switching at high junction temperatures.
The activation threshold of this function is above the maxi-
mum temperature rating to avoid interfering with normal
operation, so prolonged or repetitive operation under a
condition in which the thermal shutdown activates may
damage or impair the reliability of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com