Electronic Components Datasheet Search
  English  ▼

X  

LTM8050 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM8050
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8050 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM8050 Datasheet HTML 21Page - Linear Technology LTM8050 Datasheet HTML 22Page - Linear Technology LTM8050 Datasheet HTML 23Page - Linear Technology LTM8050 Datasheet HTML 24Page - Linear Technology LTM8050 Datasheet HTML 25Page - Linear Technology LTM8050 Datasheet HTML 26Page - Linear Technology LTM8050 Datasheet HTML 27Page - Linear Technology LTM8050 Datasheet HTML 28Page - Linear Technology LTM8050 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LTM8003
25
8003fc
For more information www.linear.com/LTM8003
Fault Tolerance
The fixed output version of LTM8003 is designed to tol-
erate a single fault condition. Shorting two adjacent pins
together or leaving one single pin floating does not raise
VOUTorcausedamagetotheLTM8003µModuleregulator.
Table 2 describe the effects that result from shorting ad-
jacent pins. Note that, since all pins are redundant, there
is no analysis describing what happens when a single pin
opens. The NC pins must be left floating to ensure fault
tolerance.
Table 3. Table 2. FMEA Analysis — Adjacent Pin Short Test
PIN NAME
HEAT
SMOKE
EFFECT
VIN–NC
NO
NO
Circuit behaves normally.
VIN–RUN
NO
NO
Circuit behaves normally.
RUN–NC
NO
NO
Circuit behaves normally.
RUN–RT
NO
NO
VOUT falls to 0V. Device can be damaged if EN/UV voltage is higher than RT ABS MAX.
RUN–GND
NO
NO
Vout falls to 0V.
RT–GND
NO
NO
SW frequency increases. VOUT may fall below regulation voltage.
RT–GND BANK1
NO
NO
SW frequency increases. VOUT may fall below regulation voltage.
RT–TRSS
NO
NO
VOUT will fall below regulation voltage.
TR/SS–SYNC
NO
NO
VOUT will fall below regulation voltage.
TR/SS–GND BANK1
NO
NO
VOUT will fall below regulation voltage.
SYNC–GND
NO
NO
Circuit behaves normally.
SYNC–PG
NO
NO
Circuit behaves normally.
SYNC–GND BANK1
NO
NO
Circuit behaves normally.
BIAS–GND BANK1
NO
NO
Efficiency may decrease.
BIAS–VOUT BANK3
NO
NO
Efficiency may decrease. If BIAS is tied to a voltage source > VOUT, VOUT may rise.
If BIAS is tied to a votlage source < VOUT, VOUT may be reduced.
VOUT BANK3–GND BANK1
NO
NO
VOUT will fall to 0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com