Electronic Components Datasheet Search
  English  ▼

X  

LTM8050 Datasheet(PDF) 27 Page - Linear Technology

Part # LTM8050
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8050 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTM8050 Datasheet HTML 22Page - Linear Technology LTM8050 Datasheet HTML 23Page - Linear Technology LTM8050 Datasheet HTML 24Page - Linear Technology LTM8050 Datasheet HTML 25Page - Linear Technology LTM8050 Datasheet HTML 26Page - Linear Technology LTM8050 Datasheet HTML 27Page - Linear Technology LTM8050 Datasheet HTML 28Page - Linear Technology LTM8050 Datasheet HTML 29Page - Linear Technology LTM8050 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
LTM8003
27
8003fc
For more information www.linear.com/LTM8003
–5VOUT from 5VIN to 35VIN Positive to Negative Converter, BIAS tied to LTM8003 GND
Maximum Load Current vs VIN. BIAS Open
4.7µF
47µF
24.3k
LTM8003
VOUT
RUN
OPTIONAL
SCHOTTKY
DIODE
VIN
VIN
5V TO 35V
FB
GND
SYNC
BIAS
8003 TA05a
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
41.2k
1MHz
RT
INPUT BULK CAP
VOUT
–5V
INPUT VOLTAGE (V)
0
10
20
30
40
0
1
2
3
4
5
6
8003 TA05b
TYPICAL APPLICATIONS
PACKAGE DESCRIPTION
PACKAGE PHOTO
Table 4
LTM8003 Pinout (Adjustable Version, Sorted by Pin Number)
PIN PIN NAME PIN PIN NAME PIN PIN NAME PIN PIN NAME PIN PIN NAME PIN PIN NAME PIN PIN NAME PIN PIN NAME
A 1
GND
B 1
PG
C 1
PG
D 1
GND
E 1
GND
F 1
FB
G 1
BIAS
H 1
VOUT
A 2
SYNC
B 2
SYNC
C 2
GND
D 2
GND
E 2
GND
F 2
FB
G 2
BIAS
H 2
VOUT
A 3
SS
B 3
SS
C 3
GND
D 3
GND
E 3
GND
F 3
GND
G 3
VOUT
H 3
VOUT
A 4
RT
B 4
GND
C 4
GND
D 4
GND
E 4
GND
F 4
GND
G 4
VOUT
H 4
VOUT
A 5
RT
B 5
RUN
C 5
NC
D 5
NC
E 5
NC
F 5
GND
G 5
VOUT
H 5
VOUT
A 6
GND
B 6
RUN
C 6
VIN
D 6
VIN
E 6
NC
F 6
GND
G 6
VOUT
H 6
VOUT
LTM8003 Pinout (Fixed Output Voltage, Sorted by Pin Number)
PIN PIN NAME PIN PIN NAME PIN PIN NAME PIN PIN NAME PIN PIN NAME PIN PIN NAME PIN PIN NAME PIN PIN NAME
A 1
GND
B 1
PG
C 1
PG
D 1
GND
E 1
GND
F 1
GND
G 1
BIAS
H 1
VOUT
A 2
SYNC
B 2
SYNC
C 2
GND
D 2
GND
E 2
GND
F 2
GND
G 2
BIAS
H 2
VOUT
A 3
SS
B 3
SS
C 3
GND
D 3
GND
E 3
GND
F 3
GND
G 3
VOUT
H 3
VOUT
A 4
RT
B 4
GND
C 4
GND
D 4
GND
E 4
GND
F 4
GND
G 4
VOUT
H 4
VOUT
A 5
RT
B 5
RUN
C 5
NC
D 5
NC
E 5
NC
F 5
GND
G 5
VOUT
H 5
VOUT
A 6
GND
B 6
RUN
C 6
VIN
D 6
VIN
E 6
NC
F 6
GND
G 6
VOUT
H 6
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com