Electronic Components Datasheet Search
  English  ▼

X  

LTM8046 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8046
Description  Dual SEPIC or Inverting 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8046 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8046 Datasheet HTML 3Page - Linear Technology LTM8046 Datasheet HTML 4Page - Linear Technology LTM8046 Datasheet HTML 5Page - Linear Technology LTM8046 Datasheet HTML 6Page - Linear Technology LTM8046 Datasheet HTML 7Page - Linear Technology LTM8046 Datasheet HTML 8Page - Linear Technology LTM8046 Datasheet HTML 9Page - Linear Technology LTM8046 Datasheet HTML 10Page - Linear Technology LTM8046 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTM8049
7
8049fa
For more information www.linear.com/LTM8049
TYPICAL PERFORMANCE CHARACTERISTICS
CLKOUT2 Duty Cycle
vs Temperature
Output Ripple, DC2244A Board
800mA Load, 12VIN
Measured Across C5, C6
fSW = 1MHz
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
20
40
60
80
8049 G28
PIN FUNCTIONS
GND (Bank 1): Tie these GND pins to a local ground plane
below the LTM8049 and the circuit components. GND
MUST BE CONNECTED EITHER TO VOUTP OR VOUTN FOR
PROPER OPERATION. In most applications, the bulk of
the heat flow out of the LTM8049 is through these pads,
so the printed circuit design has a large impact on the
thermal performance of the part. See the PCB Layout and
Thermal Considerations sections for more details. Return
the feedback divider (RFB) to this net.
VIN1, VIN2 (Banks 2, 3): The VINn pins supply current to
the LTM8049’s internal regulator and to the internal power
switch. This pin must be locally bypassed with an external,
low ESR capacitor.
VOUT1P, VOUT2P (Banks 4, 5): VOUTnP is the positive out-
put of the LTM8049. Apply an external capacitor between
VOUTnP and VOUTnN. Tie this net to GND to configure the
LMT8049 as a negative output Inverting regulator.
VOUT1N, VOUT2N (Banks 6, 7): VOUTnN is the negative out-
put of the LTM8049. Apply an external capacitor between
VOUTnP and VOUTnN. Tie this net to GND to configure the
LTM8049 as a positive output SEPIC regulator.
RUN1,RUN2(PinsB7,K7):Thesepinsareusedtoenable/
disable the chip and restart the soft-start sequence. Drive
below 1.21V to stop the LTM8049 from switching. Drive
above 1.4V to activate the device and restart the soft-start
sequence. Do not float this pin.
RT1, RT2 (Pins E7, G7): The RTn pins are used to program
the switching frequency of the LTM8049 by connecting a
resistor from this pin to ground. The switching frequency
of the LTM8049 is determined by the equation RTn =
(81.6/fOSC)-1,wherethefOSCistheswitchingfrequencyin
MHz. This pin must have a resistor to GND. Do not apply
a voltage to this pin.
SS1, SS2 (Pins C7, J7): Connect a soft-start capacitor
from this pin to GND. Upon start-up, the SSn pins will be
charged by an internal current source to about 2V.
SYNC1, SYNC2 (Pins D7, H7): To synchronize the switch-
ingfrequencytoanoutsideclock,simplydrivethispinwith
a clock signal. The high voltage level of the clock needs
to exceed 1.3V, and the low level must be less than 0.4V.
Drive this pin to less than 0.4V to revert to the internal
free running clock. Ground these pins if synchronization
is not required. See the Applications Information section
for more information.
500ns/DIV
12VOUT
50mV/DIV
–12VOUT
20mV/DIV
8049 G29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com