Electronic Components Datasheet Search
  English  ▼

X  

LTM8046 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8046
Description  Dual SEPIC or Inverting 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8046 Datasheet(HTML) 1 Page - Linear Technology

  LTM8046 Datasheet HTML 1Page - Linear Technology LTM8046 Datasheet HTML 2Page - Linear Technology LTM8046 Datasheet HTML 3Page - Linear Technology LTM8046 Datasheet HTML 4Page - Linear Technology LTM8046 Datasheet HTML 5Page - Linear Technology LTM8046 Datasheet HTML 6Page - Linear Technology LTM8046 Datasheet HTML 7Page - Linear Technology LTM8046 Datasheet HTML 8Page - Linear Technology LTM8046 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM8049
1
8049fa
For more information www.linear.com/LTM8049
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual SEPIC or Inverting
µModule DC/DC Converter
TheLTM®8049isaDualSEPIC/InvertingµModule®(power
module) DC/DC Converter. Each of the two outputs can
be easily configured as a SEPIC or Inverting converter by
simplygroundingtheappropriateoutputrail.TheLTM8049
includes power devices, inductors, control circuitry and
passive components. All that is needed to complete the
design are input and output caps, and small resistors to
set the output voltages and switching frequency. Other
components may be used to control the soft-start and
undervoltage lockout.
The LTM8049 is packaged in a thermally enhanced, com-
pact (15mm × 9mm) over-molded Ball Grid Array (BGA)
package suitable for automated assembly by standard
surface mount equipment. The LTM8049 is available with
SnPb (BGA) or RoHS compliant terminal finish.
Maximum Load Current vs VIN
±12VOUT from 2.7VIN to 20VIN
APPLICATIONS
n
Two Complete Switch Mode Power Supplies
n
SEPIC or Inverting Topology
n
Wide Input Voltage Range: 2.6V to 20V
n
2.5V to 24V or –2.5V to –24V Output Voltage
n
1A at 5VOUT from 12VIN
n
Selectable Switching Frequency: 200kHz to 2.5MHz
n
Power Good Outputs for Event Based Sequencing
n
User Configurable Undervoltage Lockout
n
(e4) RoHS Compliant Package with Gold Pad Finish
n
Low Profile 15mm × 9mm × 2.42mm Surface Mount
BGA Package
n
Battery Powered Regulator
n
Local Negative Voltage Regulator
n
Low Noise Amplifier Power
All registered trademarks and trademarks are the property of their respective owners.
VIN (V)
0
5
10
15
20
0
0.5
1.0
1.5
8049 TA01
LTM8049
130k
8049 TA01a
VOUT1P
VOUT1N
VIN1
RUN1
RT1
80.6k
1MHz
VIN
2.7V TO 20V
VOUT1
12V
VOUT2
–12V
4.7µF
×2
22µF
47µF
SYNC2
CLKOUT1
FBX1
RT2
80.6k
1MHz
143k
VOUT2P
VOUT2N
VIN2
RUN2
SYNC1
PINS NOT USED: SS1, SS2, PG1, PG2, CLKOUT2, SHARE1, SHARE2
FBX2


Similar Part No. - LTM8046

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTM8046 LINEAR-LTM8046 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8046 LINER-LTM8046 Datasheet
383Kb / 20P
3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
LTM8046 LINER-LTM8046 Datasheet
516Kb / 26P
36VIN, 8.5A Buck-Boost 關Module Regulator
LTM8046 LINER-LTM8046 Datasheet
1Mb / 28P
58VIN, 48VOUT Buck-Boost 關Module Regulator
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
Isolated DC/DC Module Converter
More results

Similar Description - LTM8046

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8008 LINER-LTM8008 Datasheet
245Kb / 16P
72VIN, 6 Output DC/DC SEPIC 關Module Regulator
LTM8045 LINER-LTM8045 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM8045 LINER-LTM8045_15 Datasheet
289Kb / 22P
Inverting or SEPIC Module DC/DC Converter with Up to 700mA Output Current
LT8582 LINER-LT8582_15 Datasheet
454Kb / 36P
Dual 3A Boost/Inverting/SEPIC DC/DC Converter with Fault Protection
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Monolithic Power System...
MP6003 MPS-MP6003 Datasheet
820Kb / 15P
Monolithic Flyback/SEPIC DC-DC Converter
logo
Linear Technology
LTM4662 LINER-LTM4662 Datasheet
581Kb / 34P
Dual 15A or Single 30A DC/DC 關Module Regulator
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
Dual 3A Boost/Inverting/SEPIC DC/DC Converter
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com