Electronic Components Datasheet Search
  English  ▼

X  

LTM8046 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8046
Description  Dual SEPIC or Inverting 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8046 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8046 Datasheet HTML 4Page - Linear Technology LTM8046 Datasheet HTML 5Page - Linear Technology LTM8046 Datasheet HTML 6Page - Linear Technology LTM8046 Datasheet HTML 7Page - Linear Technology LTM8046 Datasheet HTML 8Page - Linear Technology LTM8046 Datasheet HTML 9Page - Linear Technology LTM8046 Datasheet HTML 10Page - Linear Technology LTM8046 Datasheet HTML 11Page - Linear Technology LTM8046 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTM8049
8
8049fa
For more information www.linear.com/LTM8049
PIN FUNCTIONS
FBX1, FBX2 (Pins C1, J1): If configured as a SEPIC, the
LTM8049 regulates its FBX pin to 1.204V. Apply a resis-
tor between FBX and VOUTP. Its value should be RFB =
[(VOUTP – 1.204)/0.0833]k. If the LTM8049 is configured
as an inverting converter, the LTM8049 regulates the FBX
pin to 7mV. Apply a resistor between FBX and VOUTN of
value RFB = [(|VOUTN| + 0.007)/0.0833]k. The LTM8049
features frequency foldback to protect the power switches
during a fault or output current overload. During start-up,
frequency foldback also limits the current the LTM8049
delivers to the load. The user must evaluate the start-up
behavior of the LTM8049 to ensure that it properly pow-
ers up the load.
PG1, PG2 (Pins D6, H6): These active high pins indicates
that the FBn pin voltage for the corresponding channel
is within 4% of its regulation voltage These open drain
outputs requires a pull-up resistor to indicate power good.
Also, the status of these pins is valid only when RUN >
1.4V and VIN > 2.6V.
CLKOUT1, CLKOUT2 (Pins E6, G6): Use these pins to
synchronize devices to either channel of the LTM8049.
ThesepinsoscillateatthesamefrequencyastheLTM8049
internal oscillator or, if active, the SYNC pin. The CLKOUT1
signal is about 180° out of phase with the oscillator of
channel1anddutycycleisabout50%.TheCLKOUT2signal
is in phase with the internal oscillator of channel 2 and its
duty cycle varies linearly with the internal temperature of
the LTM8049. Please refer to the Applications Information
section for detailed information on using CLKOUT2 as an
indication of the LTM8049 internal temperature. Do not
apply a voltage to this pin or use this pin to drive capaci-
tive loads greater than 120pF.
SHARE1, 2 (pins F3, F4): Connect these pins together if
the two outputs of the LTM8049 are paralleled. Otherwise,
leave these pins floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com