Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8063
Description  40VIN, 2A Silent Switcher 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8063 Datasheet(HTML) 1 Page - Linear Technology

  LTM8063 Datasheet HTML 1Page - Linear Technology LTM8063 Datasheet HTML 2Page - Linear Technology LTM8063 Datasheet HTML 3Page - Linear Technology LTM8063 Datasheet HTML 4Page - Linear Technology LTM8063 Datasheet HTML 5Page - Linear Technology LTM8063 Datasheet HTML 6Page - Linear Technology LTM8063 Datasheet HTML 7Page - Linear Technology LTM8063 Datasheet HTML 8Page - Linear Technology LTM8063 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM8063
1
8063fa
For more information www.linear.com/LTM8063
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
40VIN, 2A Silent Switcher
µModule Regulator
The LTM®8063 is a 40VIN, 2A continuous, 2.5A peak, step-
down µModule® (power module) regulator. Included in
the package are the switching controller, power switches,
inductor, and all support components. Operating over an
input voltage range of 3.2V to 40V, the LTM8063 supports
an output voltage range of 0.8V to 15V and a switching
frequency range of 200kHz to 2.2MHz, each set by a single
resistor. Only the input and output filter capacitors are
needed to finish the design.
The low profile package enables utilization of unused space
on the bottom of PC boards for high density point of load
regulation. The LTM8063 is packaged in a thermally en-
hanced,compactover-moldedballgridarray(BGA)package
suitableforautomatedassemblybystandardsurfacemount
equipment. The LTM8063 is RoHS compliant.
All registered trademarks and trademarks are the property of their respective owners.
Efficiency vs Load Current
5VOUT from 6.5VIN to 40VIN Step-Down Converter
n
Low Noise Silent Switcher® Architecture
n
Wide Input Voltage Range: 3.2V to 40V
n
Wide Output Voltage Range: 0.8V to 15V
n
2A Continuous Output Current at 12VIN, 5VOUT,
TA = 85°C
n
2.5A Peak Current
n
Selectable Switching Frequency: 200kHz to 2.2MHz
n
External Synchronization
n
Configurable as an Inverter
n
6.25mm × 4mm × 2.22mm BGA Package
n
Automotive Battery Regulation
n
Power for Portable Products
n
Distributed Supply Regulation
n
Industrial Supplies
n
Wall Transformer Regulation
1µF
22µF
45.3k
27.4k
1.4MHz
LTM8063
VOUT
VOUT
5V
2A
2.5A PEAK
VIN
VIN
6.5V TO 40V
FB
GND
RUN
SYNC
RT
8063 TA01a
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
55
65
75
85
95
8063 TA01b


Similar Part No. - LTM8063

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM8063 AD-LTM8063 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8063 AD-LTM8063 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LTM8063 AD-LTM8063 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
LTM8063 AD-LTM8063 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
LTM8063 AD-LTM8063 Datasheet
3Mb / 32P
16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
Rev. 0
More results

Similar Description - LTM8063

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LT8350 AD-LT8350 Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
EVAL-LT8350-AZ AD-EVAL-LT8350-AZ Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
EVAL-LT8376-AZ AD-EVAL-LT8376-AZ Datasheet
1Mb / 10P
60V, 2A Silent Switcher Synchronous Step-Down LED Driver
Rev 0
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com