Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM8063
Description  40VIN, 2A Silent Switcher 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8063 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM8063 Datasheet HTML 16Page - Linear Technology LTM8063 Datasheet HTML 17Page - Linear Technology LTM8063 Datasheet HTML 18Page - Linear Technology LTM8063 Datasheet HTML 19Page - Linear Technology LTM8063 Datasheet HTML 20Page - Linear Technology LTM8063 Datasheet HTML 21Page - Linear Technology LTM8063 Datasheet HTML 22Page - Linear Technology LTM8063 Datasheet HTML 23Page - Linear Technology LTM8063 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTM8063
24
8063fa
For more information www.linear.com/LTM8063
LINEAR TECHNOLOGY CORPORATION 2017
LT 0218 • PRINTED IN USA
www.linear.com/LTM8063
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTM8053
40V, 3.5A Step-Down µModule Regulator
3.4V ≤ VIN ≤ 40V. 0.97V ≤ VOUT ≤ 15V. 6.25mm x 9mm x 3.32mm BGA Package.
LTM8032
36V, 2A Low EMI Step-Down µModule Regulator 3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V. EN55022B Compliant.
LTM8033
36V, 3A Low EMI Step-Down µModule Regulator 3.6V ≤ VIN ≤ 36V. 0.8V ≤ VOUT ≤ 24V. EN55022B Compliant.
LTM8026
36V, 5A CVCC Step-Down µModule Regulator
6V ≤ VIN ≤ 36V. 1.2V ≤ VOUT ≤ 24V. Constant Voltage Constant Current Operation.
LTM4613
36V, 8A Low EMI Step-Down µModule Regulator 5V ≤ VIN ≤ 36V. 3.3V ≤ VOUT ≤ 15V. EN55022B Compliant.
LTM8027
60V, 4A Step-Down µModule Regulator
4.5V ≤ VIN ≤ 60V, 2.5V ≤ VOUT ≤ 24V.
LTM8050
58V, 2A Step-Down µModule Regulator
3.6V ≤ VIN ≤ 58V, 0.8V ≤ VOUT ≤ 24V.
LTM8003
3.5A Version of LTM8002, 40V, 3.5A, IQ = 25µA
FMEA Compliant
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 18V, 6.25mm × 9mm × 3.32 BGA Package.
LTM8065
40V, 2.5A Silent Switcher Step-Down µModule
Regulator
3.4V ≤ VIN ≤ 40V, 0.97V ≤ VOUT ≤ 18V, 6.25mm × 6.25mm × 2.32mm BGA Package.
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
12VOUT from 18.5VIN to 40VIN Step Down Converter
1µF
X5R
0805
10µF
X7S
0805
17.4k
20.5k
1.8MHz
LTM8063
VOUT
VOUT
12V
0.5A
2.2A PEAK
VIN
VIN*
18.5V TO 40V
FB
GND
RUN
SYNC
RT
8063 TA05
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
*VIN MAY BE AS LOW AS 12.6V WITH OFF-CYCLE SKIPPING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com