Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM8063
Description  40VIN, 2A Silent Switcher 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8063 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM8063 Datasheet HTML 12Page - Linear Technology LTM8063 Datasheet HTML 13Page - Linear Technology LTM8063 Datasheet HTML 14Page - Linear Technology LTM8063 Datasheet HTML 15Page - Linear Technology LTM8063 Datasheet HTML 16Page - Linear Technology LTM8063 Datasheet HTML 17Page - Linear Technology LTM8063 Datasheet HTML 18Page - Linear Technology LTM8063 Datasheet HTML 19Page - Linear Technology LTM8063 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTM8063
16
8063fa
For more information www.linear.com/LTM8063
APPLICATIONS INFORMATION
be delivered to the load under fault. During the start-up
time, frequency foldback is also active to limit the energy
delivered to the potentially large output capacitance of
the load. When a clock is applied to the SYNC pin, the
SYNC pin is floated or held high, the frequency foldback
is disabled, and the switching frequency will slow down
only during overcurrent conditions.
Synchronization
To select low ripple Burst Mode operation, tie the SYNC
pin below about 0.4V (this can be ground or a logic low
output). To synchronize the LTM8063 oscillator to an
external frequency, connect a square wave (with about
20% to 80% duty cycle) to the SYNC pin. The square
wave amplitude should have valleys that are below 0.4V
and peaks above 1.5V.
The LTM8063 will not enter Burst Mode operation at low
output loads while synchronized to an external clock, but
insteadwillpulseskiptomaintainregulation.TheLTM8063
may be synchronized over a 200kHz to 2.2MHz range.
The RT resistor should be chosen to set the switching
frequency equal to or below the lowest synchronization
input. For example, if the synchronization signal will be
500kHz and higher, the RT should be selected for 500kHz.
For some applications it is desirable for the LTM8063 to
operate in pulse-skipping mode, offering two major dif-
ferences from Burst Mode operation. The first is that the
clock stays awake at all times and all switching cycles
are aligned to the clock. The second is that full switching
frequency is reached at lower output load than in Burst
Modeoperation.Thesetwodifferencescomeattheexpense
of increased quiescent current. To enable pulse-skipping
mode, the SYNC pin is floated.
The LTM8063 features spread spectrum operation to
further reduce EMI/EMC emissions. To enable spread
spectrum operation, apply between 2.9V and 4.2V to the
SYNC pin. In this mode, triangular frequency modulation
is used to vary the switching frequency between the value
programmed by RT to about 20% higher than that value.
Themodulationfrequencyisabout3kHz.Forexample,when
the LTM8063 is programmed to 2MHz, the frequency will
vary from 2MHz to 2.4MHz at a 3kHz rate. When spread
spectrum operation is selected, Burst Mode operation is
disabled, and the part will run in pulse-skipping mode.
TheLTM8063doesnotoperateinforcedcontinuousmode
regardless of SYNC signal.
Negative Output
The LTM8063 is capable of generating a negative output
voltage by connecting its VOUT to system GND and the
LTM8063 GND to the negative voltage rail. An example
of this is shown in the Typical Applications section. The
most versatile way to generate a negative output is to
use a dedicated regulator that was designed to generate
a negative voltage, but using a buck regulator like the
LTM8063 to generate a negative voltage is a simple and
cost effective solution, as long as certain restrictions are
kept in mind.
Figure 1showsatypicalnegativeoutputvoltageapplication.
Note that LTM8063 VOUT is tied to system GND and input
power is applied from VIN to LTM8063 VOUT. As a result,
the LTM8063 is not behaving as a true buck regulator,
and the maximum output current depends upon the input
voltage. In the example shown in the Typical Applications
section, there is an attending graph that shows how much
current the LTM8063 can deliver for given input voltages.
Figure 1.
NEGATIVE
OUTPUT VOLTAGE
LTM8063
VOUT
VIN
8063 F01
GND
VIN
The LTM8063 Can Be Used to Generate a Negative Voltage
Note that this configuration requires that any load current
transient will directly impress the transient voltage onto
the LTM8063 GND, as shown in Figure 2, so fast load
transients can disrupt the LTM8063’s operation or even
cause damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com