Electronic Components Datasheet Search
  English  ▼

X  

LTM8068 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8068
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8068 Datasheet(HTML) 1 Page - Linear Technology

  LTM8068 Datasheet HTML 1Page - Linear Technology LTM8068 Datasheet HTML 2Page - Linear Technology LTM8068 Datasheet HTML 3Page - Linear Technology LTM8068 Datasheet HTML 4Page - Linear Technology LTM8068 Datasheet HTML 5Page - Linear Technology LTM8068 Datasheet HTML 6Page - Linear Technology LTM8068 Datasheet HTML 7Page - Linear Technology LTM8068 Datasheet HTML 8Page - Linear Technology LTM8068 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM8067
1
8067fc
For more information www.linear.com/LTM8067
TYPICAL APPLICATION
FEATURES
DESCRIPTION
2.8VIN to 40VIN Isolated
µModule DC/DC Converter
TheLTM®8067isa2kVACisolatedflybackµModule®(power
module) DC/DC converter. Included in the package are the
switching controller, power switches, transformer, and all
supportcomponents.Operatingoveraninputvoltagerange
of 2.8V to 40V, the LTM8067 supports an output voltage
range of 2.5V to 24V, set by a single resistor. Only output
and input capacitors are needed to finish the design.
The LTM8067 is packaged in a thermally enhanced, com-
pact (9mm × 11.25mm × 4.92mm) overmolded ball grid
array (BGA) package suitable for automated assembly
by standard surface mount equipment. The LTM8067 is
available with SnPb or RoHS compliant terminal finish.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks of
Analog Devices, Inc. All other trademarks are the property of their respective owners.
APPLICATIONS
n
2kVAC Isolated µModule Converter
n
UL60950 Recognized File 464570
n
Wide Input Voltage Range: 2.8V to 40V
n
Up to 450mA Output Current (VIN = 24V, VOUT = 5V)
Output Adjustable from 2.5V to 24V
n
Current Mode Control
n
User Configurable Undervoltage Lockout
n
Low Profile (9mm × 11.25mm × 4.92mm)
BGA Package
n
Isolated IGBT Gate Drive
n
Industrial Sensors
n
Industrial Switches
n
Test and Measurement Equipment
Maximum Output Current vs VIN
2kVAC Isolated µModule Regulator
VIN (V)
0
10
20
30
40
0
200
400
600
Max Load Current vs VIN
8067 TA01b
8.25k
2.2µF
22µF
VIN
GND
VOUT
VOUTN
RUN
FB
VIN
2.8V TO
40V
VOUT
5V
LTM8067
8067 TA01a


Similar Part No. - LTM8068

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTM8068 LINEAR-LTM8068 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8068 LINER-LTM8068 Datasheet
1Mb / 20P
Dual SEPIC or Inverting 關Module DC/DC Converter
LTM8068 LINER-LTM8068 Datasheet
889Kb / 20P
2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
More results

Similar Description - LTM8068

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48_03 Datasheet
742Kb / 29P
Isolated DC/DC Converter Module
logo
Linear Technology
LTM8048 LINER-LTM8048 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8047 LINER-LTM8047_15 Datasheet
343Kb / 18P
3.1VIN to 32VIN Isolated Module DC/DC Converter
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
Isolated DC/DC Module Converter
LTM8057 LINER-LTM8057_15 Datasheet
233Kb / 20P
3.1VIN to 31VIN Isolated Module DC/DC Converter
LTM8046 LINER-LTM8046 Datasheet
383Kb / 20P
3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
LTM8068 LINER-LTM8068 Datasheet
889Kb / 20P
2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
logo
Bellnix Co.,Ltd.
BSU-1.8S1R0 BELLNIX-BSU-1.8S1R0 Datasheet
3Mb / 20P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S1R0 BELLNIX-BSU12-3.3S1R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S3R0 BELLNIX-BSU12-3.3S3R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com