Electronic Components Datasheet Search
  English  ▼

X  

LTM8068 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8068
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8068 Datasheet(HTML) 5 Page - Linear Technology

  LTM8068 Datasheet HTML 1Page - Linear Technology LTM8068 Datasheet HTML 2Page - Linear Technology LTM8068 Datasheet HTML 3Page - Linear Technology LTM8068 Datasheet HTML 4Page - Linear Technology LTM8068 Datasheet HTML 5Page - Linear Technology LTM8068 Datasheet HTML 6Page - Linear Technology LTM8068 Datasheet HTML 7Page - Linear Technology LTM8068 Datasheet HTML 8Page - Linear Technology LTM8068 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTM8067
5
8067fc
For more information www.linear.com/LTM8067
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Load Current
VOUT = 5V
Input Current vs Load Current
VOUT = 8V
Input Current vs Load Current
VOUT = 15V
Maximum Load Current vs VOUT
Input Current vs Load Current
VOUT = 24V
Input Current vs VIN, VOUT
Shorted
Input Current vs Load Current
VOUT = 12V
Unless otherwise noted, operating conditions are
as in Table 1 (TA = 25°C).
LOAD CURRENT (mA)
0
100
200
300
400
500
600
0
60
120
180
240
300
OUT
8067 G10
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
0
100
200
300
400
500
0
100
200
300
400
OUT
8067 G11
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
0
100
200
300
0
100
200
300
400
VOUT = 12V
8067 G12
VIN = 5V
VIN = 12V
VIN = 24V
LOAD CURRENT (mA)
0
100
200
300
0
100
200
300
400
VOUT = 15V
8067 G13
VIN = 5V
VIN = 12V
VIN = 24V
LOAD CURRENT (mA)
0
50
100
150
0
100
200
300
400
OUT
8067 G14
VIN (V)
0
10
20
30
40
0
50
100
150
200
250
Input Current vs VIN, VOUT Shorted
8067 G15
VIN = 5V
VIN = 12V
VIN = 24V
VOUT (V)
0
5
10
15
20
25
0
125
250
375
500
Maximum Load Current vs VOUT
8067 G16
Maximum Load Current vs VIN
Maximum Load Current vs VIN
2.5VOUT
3.3VOUT
VIN (V)
0
10
20
30
40
100
200
300
400
IN
8067 G17
5VOUT
8VOUT
12VOUT
VIN (V)
0
10
20
30
40
0
200
400
600
Max Load Current vs VIN
8067 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com