Electronic Components Datasheet Search
  English  ▼

X  

LTM8068 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8068
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8068 Datasheet(HTML) 4 Page - Linear Technology

  LTM8068 Datasheet HTML 1Page - Linear Technology LTM8068 Datasheet HTML 2Page - Linear Technology LTM8068 Datasheet HTML 3Page - Linear Technology LTM8068 Datasheet HTML 4Page - Linear Technology LTM8068 Datasheet HTML 5Page - Linear Technology LTM8068 Datasheet HTML 6Page - Linear Technology LTM8068 Datasheet HTML 7Page - Linear Technology LTM8068 Datasheet HTML 8Page - Linear Technology LTM8068 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTM8067
4
8067fc
For more information www.linear.com/LTM8067
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current,
VOUT = 2.5V
Efficiency vs Load Current,
VOUT = 8V
Efficiency vs Load Current,
VOUT = 24V
Efficiency vs Load Current,
VOUT = 3.3V
Efficiency vs Load Current,
VOUT = 12V
Input Current vs Load Current
VOUT = 2.5V
Efficiency vs Load Current,
VOUT = 5V
Efficiency vs Load Current,
VOUT = 15V
Input Current vs Load Current
VOUT = 3.3V
Unless otherwise noted, operating conditions are
as in Table 1 (TA = 25°C).
LOAD CURRENT (mA)
0
50
100 150 200 250 300 350
30
40
50
60
70
80
Efficiency, VOUT = 2.5V
8067 G01
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
0
50 100 150 200 250 300 350 400
40
50
60
70
80
OUT
8067 G02
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
0
100
200
300
400
500
600
40
50
60
70
80
90
OUT
8067 G03
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
0
100
200
300
400
500
45
55
65
75
85
OUT
8067 G04
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
0
50
100
150
200
250
300
45
55
65
75
85
Efficiency, VOUT = 12V
8067 G05
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 5V
VIN = 12V
VIN = 24V
LOAD CURRENT (mA)
0
50
100
150
200
250
55
65
75
85
OUT
8067 G06
VIN = 5V
VIN = 12V
VIN = 24V
LOAD CURRENT (mA)
0
25
50
75
100
125
55
65
75
85
OUT
8067 G07
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
0
50
100 150 200 250 300 350
0
25
50
75
100
VOUT = 2.5V
8067 G08
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
0
100
200
300
400
0
25
50
75
100
125
VOUT = 3.3V
8067 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com