Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4613
Description  40VIN, 2.5A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTM8065
10
8065fa
For more information www.linear.com/LTM8065
TYPICAL PERFORMANCE CHARACTERISTICS
Derating, VOUT = –8V, BIAS tied
to LTM8065 GND, DC2251A Demo
Board
Derating, VOUT = –12V, BIAS tied
to LTM8065 GND, DC2251A Demo
Board
Derating, VOUT = –15V, BIAS tied
to LTM8065 GND, DC2251A Demo
Board
Derating, VOUT = –18V, BIAS tied
to LTM8065 GND, DC2251A Demo
Board
CISPR22 Class B Radiated DC2251A
Demo Board, VOUT = 5V No Filter
(FB1, L1 short, C6, C7 open)
Dropout Voltage vs Load Current,
VOUT = 5V, BIAS = 5V
TA = 25°C, unless otherwise noted.
0 LFM
12VIN
24VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
0.5
1.0
1.5
2.0
8065 G55
0 LFM
12VIN
24VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
0.25
0.50
0.75
1.00
8065 G56
0 LFM
12VIN
24VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
0.25
0.50
0.75
1.00
8065 G57
LOAD CURRENT (A)
0
1
2
3
4
0
200
400
600
800
8065 G59
fSW = 1MHz, VIN = 14V, IOUT = 2.5A
CLASS B LIMIT
HORIZONTAL
VERTICAL
FREQUENCY (MHz)
0
200
400
600
800
1000
–10
0
10
20
30
40
50
8065 G60
0 LFM
12VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
0.25
0.50
0.75
1.00
8065 G58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com