Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM4613
Description  40VIN, 2.5A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LTM8065
18
8065fa
For more information www.linear.com/LTM8065
APPLICATIONS INFORMATION
the LTM8065 GND, as shown in Figure 2, so fast load
transients can disrupt the LTM8065’s operation or even
cause damage.
occur in battery charging applications or in battery backup
systems where a battery or some other supply is diode
ORed with the LTM8065’s output. If the VIN pin is allowed
tofloatandtheRUNpinisheldhigh(eitherbyalogicsignal
or because it is tied to VIN), then the LTM8065’s internal
circuitry pulls its quiescent current through its internal
power switch. This is fine if your system can tolerate a
few milliamps in this state. If you ground the RUN pin, the
internal current drops to essentially zero. However, if the
VIN pin is grounded while the output is held high, parasitic
diodes inside the LTM8065 can pull large currents from
the output through the VIN pin. Figure 4 shows a circuit
that runs only when the input voltage is present and that
protects against a shorted or reversed input.
FAST LOAD
TRANSIENT
OUTPUT TRANSIENT
RESPONSE
LTM8065
VOUT
VIN
8065 F02
GND
VIN
Figure 2. Any Output Voltage Transient Appears on LTM8065 GND
Figure 3. A Schottky Diode Can Limit the Transient
Caused by a Fast Rising VIN to Safe Levels
Figure 4. The Input Diode Prevents a Shorted Input from
Discharging a Backup Battery Tied to the Output. It Also
Protects the Circuit from a Reversed Input. The LTM8065
Runs Only When the Input Is Present
FAST VIN
TRANSIENT
OUTPUT EXPERIENCES
A POSITIVE TRANSIENT
LTM8065
VOUT
VIN
8065 F03
GND
COUT
CIN
OPTIONAL
SCHOTTKY
DIODE
AC DIVIDER
VIN
The CIN and COUT capacitors in Figure 3 form an AC divider
at the negative output voltage node. If VIN is hot-plugged
or rises quickly, the resultant VOUT will be a positive tran-
sient, which may be unhealthy for the application load.
An anti-parallel Schottky diode may be able to prevent
this positive transient from damaging the load. The loca-
tion of this Schottky diode is important. For example, in
a system where the LTM8065 is far away from the load,
placing the Schottky diode closest to the most sensitive
load component may be the best design choice. Carefully
evaluatewhetherthenegativebuckconfigurationissuitable
for the application. For negative outputs, connect BIAS to
LTM8065 GND.
Shorted Input Protection
Care needs to be taken in systems where the output is held
high when the input to the LTM8065 is absent. This may
LTM8065
VIN
VIN
8065 F04
RUN
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
integration of the LTM8065. The LTM8065 is neverthe-
less a switching power supply, and care must be taken to
minimize EMI and ensure proper operation. Even with the
high level of integration, you may fail to achieve specified
operation with a haphazard or poor layout. See Figure 5
for a suggested layout. Ensure that the grounding and
heat sinking are acceptable.
A few rules to keep in mind are:
1. Place CFF, RFB and RT as close as possible to their
respective pins.
2. Place the CIN capacitor as close as possible to the VIN
and GND connection of the LTM8065.
3. Place the COUT capacitor as close as possible to the
VOUT and GND connection of the LTM8065.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com