Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4613
Description  40VIN, 2.5A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LTM8065
14
8065fa
For more information www.linear.com/LTM8065
For most applications, the design process is straight-
forward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input range and output voltage.
2. Apply the recommended,CIN,COUT,RFBandRTvalues.
3. Apply the CFF (from AUX to FB) as required.
4. Connect BIAS as indicated.
While these component combinations have been tested
for proper operation, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions. Bear in mind that the
maximum output current is limited by junction tempera-
ture, the relationship between the input and output voltage
magnitude and polarity and other factors. Please refer to
the graphs in the Typical Performance Characteristics
section for guidance.
APPLICATIONS INFORMATION
The maximum frequency (and attendant RT value) at
which the LTM8065 should be allowed to switch is given
in Table 1 in the Maximum fSW column, while the recom-
mended frequency (and RT value) for optimal efficiency
over the given input condition is given in the fSW column.
There are additional conditions that must be satisfied if
the synchronization function is used. Please refer to the
Synchronization section for details.
Capacitor Selection Considerations
The CIN and COUT capacitor values in Table 1 are the
minimum recommended values for the associated oper-
ating conditions. Applying capacitor values below those
indicated in Table 1 is not recommended and may result
in undesirable operation. Using larger values is generally
acceptable, and can yield improved dynamic response, if
it is necessary. Again, it is incumbent upon the user to
Table 1. Recommended Component Values and Configuration (TA = 25°C)
VIN
VOUT
RFB
CIN2
COUT
CFF
BIAS
fSW
RT
MAX fSW
MIN RT
3.4V to 40V
0.97V
open
2.2µF 50V 0805
100µF 4V 0805
47pF
5V
450kHz
100k
660kHz
63.4k
3.4V to 40V
1.2V
1.05M
2.2µF 50V 0805
100µF 4V 0805
47pF
5V
550kHz
78.7k
900kHz
45.3k
3.4V to 40V
1.5V
464k
2.2µF 50V 0805
100µF 4V 0805
27pF
5V
650kHz
64.9k
1MHz
41.2k
3.4V to 40V
1.8V
294k
2.2µF 50V 0805
100µF 4V 0805
10pF
5V
700kHz
60.4k
1.3MHz
28.7k
3.4V to 40V
2V
237k
2.2µF 50V 0805
100µF 4V 0805
5V
850kHz
51.5k
1.4MHz
28.0k
3.5V to 40V1
2.5V
158k
2.2µF 50V 0805
47µF 4V 0805
5V
900kHz
45.3k
1.7MHz
21.5k
4.5V to 40V1
3.3V
102k
2.2µF 50V 0805
47µF 4V 0805
5V
900kHz
45.3k
2.2MHz
15.8k
6.5V to 40V1
5V
60.4k
2.2µF 50V 0805
22µF 6.3V 0805
5V
1MHz
41.2k
3MHz
10.7k
10V to 40V1
8V
34k
2.2µF 50V 0805
22µF 10V 1206
5V
1.3MHz
28.7k
3MHz
10.7k
14.5V to 40V1
12V
21.5k
4.7µF 50V 0805
10µF 16V 0805
5V
1.3MHz
28.7k
3MHz
10.7k
19.5V to 40V1
15V
16.9k
4.7µF 50V 0805
10µF 16V 0805
5V
1.5MHz
25.5k
3MHz
10.7k
23V to 40V1
18V
14k
4.7µF 50V 0805
10µF 25V 1206
5V
1.8MHz
20.5k
3MHz
10.7k
3.4V to 36V1
–3.3V
102k
2.2µF 50V 0805
47µF 4V 0805
LTM8065 GND
900kHz
45.3k
2.2MHz
15.8k
3.4V to 35V1
–5V
59k
2.2µF 50V 0805
22µF 6.3V 0805
LTM8065 GND
1MHz
41.2k
3MHz
10.7k
3.4V to 32V1
–8V
34k
2.2µF 50V 0805
22µF 10V 1206
LTM8065 GND
1.3MHz
28.7k
3MHz
10.7k
3.4V to 28V1
–12V
21.5k
4.7µF 50V 0805
10µF 16V 0805
LTM8065 GND
1.3MHz
28.7k
3MHz
10.7k
3.4V to 25V1
–15V
16.9k
4.7µF 50V 0805
10µF 16V 0805
LTM8065 GND
1.5MHz
25.5k
3MHz
10.7k
3.4V to 22V1
–18V
14k
4.7µF 50V 0805
10µF 25V 1206
LTM8065 GND
1.8MHz
20.5k
3MHz
10.7k
1. The LTM8065 may be capable of lower input voltages but may skip off cycles.
2. An input bulk capacitor is required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com