Electronic Components Datasheet Search
  English  ▼

X  

SFH-486 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH-486
Description  GaAlAs Infrared Emitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-486 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH-486 Datasheet HTML 4Page - OSRAM GmbH SFH-486 Datasheet HTML 5Page - OSRAM GmbH SFH-486 Datasheet HTML 6Page - OSRAM GmbH SFH-486 Datasheet HTML 7Page - OSRAM GmbH SFH-486 Datasheet HTML 8Page - OSRAM GmbH SFH-486 Datasheet HTML 9Page - OSRAM GmbH SFH-486 Datasheet HTML 10Page - OSRAM GmbH SFH-486 Datasheet HTML 11Page - OSRAM GmbH SFH-486 Datasheet HTML 12Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2010-04-28
10
Version 1.0
SFH 486
TTW Soldering
Wellenlöten (TTW)
OHLY0598
0
0
50
100
150
200
250
50
100
150
200
250
300
T
t
C
s
235 C
10 s
C
... 260
1. Welle
1. wave
2. Welle
2. wave
5 K/s
2 K/s
ca 200 K/s
CC
... 130
100
2 K/s
Zwangskühlung
forced cooling
Normalkurve
standard curve
Grenzkurven
limit curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com