Electronic Components Datasheet Search
  English  ▼

X  

SFH-486 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-486
Description  GaAlAs Infrared Emitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-486 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-486 Datasheet HTML 1Page - OSRAM GmbH SFH-486 Datasheet HTML 2Page - OSRAM GmbH SFH-486 Datasheet HTML 3Page - OSRAM GmbH SFH-486 Datasheet HTML 4Page - OSRAM GmbH SFH-486 Datasheet HTML 5Page - OSRAM GmbH SFH-486 Datasheet HTML 6Page - OSRAM GmbH SFH-486 Datasheet HTML 7Page - OSRAM GmbH SFH-486 Datasheet HTML 8Page - OSRAM GmbH SFH-486 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2010-04-28
4
Version 1.0
SFH 486
Grouping (TA = 25 °C)
Gruppierung
Temperature coefficient of Ie or e
Temperaturkoeffizient von Ie bzw. e
(IF = 100 mA, tp = 20 ms)
TCI
-0.5
% / K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(IF = 100 mA, tp = 20 ms)
TCV
-2
mV / K
Temperature coefficient of wavelength
Temperaturkoeffizient der Wellenlänge
(IF = 100 mA, tp = 20 ms)
TC
0.25
nm / K
Group
Min Radiant Intensity Typ Radiant Intensity Typ Radiant Intensity
Gruppe
Min Strahlstärke
Typ Strahlstärke
Typ Strahlstärke
IF= 100 mA, tp= 20 ms IF= 100 mA, tp= 20 ms IF = 1 A, tp = 100 s
Ie, min [mW / sr]
Ie, typ [mW / sr]
Ie, typ [mW / sr]
SFH 486
40
70
600
Note: measured at a solid angle of = 0.001 sr
Anm.: gemessen bei einem Raumwinkel = 0.001 sr
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com