Electronic Components Datasheet Search
  English  ▼

X  

RDF50 Datasheet(PDF) 3 Page - XP Power Limited

Part # RDF50
Description  DC-DC Converter 50 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDF50 Datasheet(HTML) 3 Page - XP Power Limited

  RDF50 Datasheet HTML 1Page - XP Power Limited RDF50 Datasheet HTML 2Page - XP Power Limited RDF50 Datasheet HTML 3Page - XP Power Limited RDF50 Datasheet HTML 4Page - XP Power Limited RDF50 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RDF50 Series
www.xppower.com
DC-DC Converter
3
Mechanical Details
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Railway Equipment
EN50121-3-2
See Application Notes
ESD Immunity
EN61000-4-2
±6 kV/±8 kV
A
Contact Discharge/Air Discharge
Radiated Immunity
EN61000-4-3
20 V rms
A
EFT/Burst
EN61000-4-4
±2 kV
A
With external electrolytic capacitor 68 µF/400 V
across input pins
Surge
EN61000-4-5
±2 kV
A
With external electrolytic capacitor 68 µF/400 V
across input pins
Conducted Immunity
EN61000-4-6
10 V rms
A
Magnetic Fields
EN61000-4-8
3 A/m
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
ITE
EN55032
Class A
See Application Notes
Railway Equipment
EN50121-3-2
See Application Notes
BOTTOM VIEW
0.126 (3.2) clearance 2pl
Mounting Holes
1
1.86 (47.2)
0.059 (1.50)
Dia 2 places
0.040 (1.02)
Dia 6 places
2.28 (57.9)
2.00 (50.8)
0.30
(7.62)
0.16 min
(4.1)
0.50
(12.7)
0.60
(15.24)
1.45
(36.8)
1.03
(26.2)
0.60
(15.24)
2
3
8
7
6
5
4
1. All dimensions are in inches (mm)
2. Weight: 0.24 lbs (109 g) approx.
3. Tolerance: x.x = ±0.5 (x.xx = ±0.25), x.xx = ±0.02 (x.xxx = ±0.01)
Notes
Pin Connections
Pin
Single
1
+Vin
2
Remote On/Off
3
-Vin
4
-Vout
5
-Sense
6
Trim
7
+Sense
8
+Vout
Safety Approvals
Agency
Standard
Notes & Conditions
UL
cUL60950-1
ITE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com