Electronic Components Datasheet Search
  English  ▼

X  

RDF50 Datasheet(PDF) 5 Page - XP Power Limited

Part # RDF50
Description  DC-DC Converter 50 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDF50 Datasheet(HTML) 5 Page - XP Power Limited

  RDF50 Datasheet HTML 1Page - XP Power Limited RDF50 Datasheet HTML 2Page - XP Power Limited RDF50 Datasheet HTML 3Page - XP Power Limited RDF50 Datasheet HTML 4Page - XP Power Limited RDF50 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RDF50 Series
www.xppower.com
DC-DC Converter
Example (Without Heatsink)
To determine the minimum airflow necessary for a RDF5072S12 operating at an input voltage of 72 V, an output current of 4.20 A, and a maximum
ambient temperature of 40°C:
Determine Power dissipation (Pd):
Pd = Pi-Po = Po(1-
η)/η,
Pd =12 V× 4.2 A×(1-0.87)/0.87=7.53Watts
Where Pi = Input power, Po = Output Power and
η=Efficiency
Determine airflow from airflow derating graph using data points for Pd=7.53 W and Ta = 40 °C
Minimum airflow= 200 ft./min.
To check that the maximum case temp of 100 °C is not exceeded:
Maximum temperature rise is
ΔT = Pd × Rca=7.53x5.4 = 40.67°C.
Maximum case temperature is
Tc=Ta+ΔT=80.67°C <100°C.
Where: Rca is the thermal resistance from case to ambient environment. Ta is ambient temperature and Tc is case temperature.
Note: C4 UNITED CHEMI-CON KXJ series or equivalent, CY1, CY2 MURATA Y1 capacitors or equivalent, L1, L2 BULL WILL URT24-05055H or
equivalent.
08 March 18
Airflow Derating Graph
EMC Filter - EN55032 Emissions and Immunity
+Vo
-Vo
-Vin
GND
+Vin
L1
L2
D1
C1
C4
C2
C3
C6
CY1
CY2
RDF50
CASE
+Vin
+S
-S
-Vin
+Vout
-Vout
C5
C1, C3, C3
C4
C5
C6
CY1, CY2
D1
L1, L2
1 µF/250 V 1812
Ceramic Cap.
82 µF/250 V
KXJ Series
Aluminium Cap.
1 µF/100 V 1206
Ceramic Cap.
22 µF/100 V
Solid Aluminium
Cap.
1500 pF
1.5 KE 180 A
URT24-50055H
5.5 mH
Thermal Resistance Information
Power Dissipated vs Ambient Temperature and Air Flow without heatsink
Ambient Temperature ,Ta(Deg. C)
Natural Convection
20 ft./min. (0.1 m/s)
100 ft./min. (0.5 m/s)
200 ft./min. (1.0 m/s)
300 ft./min. (1.5 m/s)
400 ft./min. (2.0 m/s)
Air Flow Rate
Typical Rca
Natural Convection 20 ft/min (0.1 m/s) 10.1 °C/W
100 ft/min (0.5 m/s)
8.0 °C/W
200 ft/min (1.0 m/s)
5.4 °C/W
300 ft/min (1.5 m/s)
4.4 °C/W
400 ft/min (2.0 m/s)
3.4 °C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com