Electronic Components Datasheet Search
  English  ▼

X  

RDF50 Datasheet(PDF) 4 Page - XP Power Limited

Part # RDF50
Description  DC-DC Converter 50 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDF50 Datasheet(HTML) 4 Page - XP Power Limited

  RDF50 Datasheet HTML 1Page - XP Power Limited RDF50 Datasheet HTML 2Page - XP Power Limited RDF50 Datasheet HTML 3Page - XP Power Limited RDF50 Datasheet HTML 4Page - XP Power Limited RDF50 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RDF50 Series
www.xppower.com
4
DC-DC Converter
Application Notes
Trim Up
%
5 V
12 V
24 V
48 V
Rtrim_up (k
Ω)
1
50.45
154.1
164.0
147.3
2
24.34
74.95
78.64
71.29
3
15.63
48.56
50.18
45.93
4
11.28
35.37
35.94
33.24
5
8.67
27.45
27.40
25.63
6
6.93
22.17
21.71
20.56
7
5.69
18.41
17.64
16.94
8
4.75
15.58
14.59
14.22
9
4.03
13.38
12.22
12.10
10
3.45
11.62
10.32
10.41
Trim Up
%
5 V
12 V
24 V
48 V
Rtrim_down (k
Ω)
1
215.8
687.3
1703
3294
2
103.0
327.1
807.8
1588
3
65.40
207.0
509.2
1019
4
46.60
147.0
359.9
735.1
5
35.32
110.9
270.3
564.5
6
27.80
27.80
210.6
450.7
7
22.43
22.43
167.9
369.5
8
18.40
18.40
135.9
308.5
9
15.27
15.27
111.0
261.1
10
12.76
12.76
91.16
223.2
11
10.71
10.71
74.87
192.2
12
9.00
9.00
61.30
166.3
13
7.55
7.55
49.82
144.5
14
6.31
6.31
39.97
125.7
15
5.24
5.24
31.44
109.5
16
4.30
4.30
23.97
95.28
17
3.47
3.47
17.39
82.73
18
2.73
2.73
11.53
71.58
19
2.07
2.07
6.298
61.60
20
1.48
1.48
1.583
52.62
Input Fusing and Safety Considerations
The RDF50 series converters have no internal fuse. In order to achieve maximum safety and system protection, always use an input line fuse. We
recommended a 30 A fast acting fuse. It is recommended that the circuit has a transient voltage suppressor diode (TVS) across the input terminals
to protect the unit against surge or spike voltages
and input reverse voltage (as shown). A suitable
part would be 1.5KE180A.
Output Voltage Adjustment
The Trim input permits the user to adjust the
output voltage up by 10% or down by 20%. This
is accomplished by connecting an external
resistor between the Trim pin and either the
+Sense pin or the -Sense pin.
To Trim Down
Connecting an external resistor (Rd) between the Trim pin and the
Vout (+) (or +Sense) pin decreases the output voltage. The following
table can be used to determine the required external resistor value to
obtain a percentage output voltage change of Δ%.
TVS
V
On/Off
-Vin
+Vin
1
2
+Vout
+Sense
Trim
-Sense
-Vout
8
7
6
5
4
3
Vin
+
-
Load
Trim down Rd
Trim up Ru
To Trim Up
Connecting an external resistor (Ru) between the Trim pin and the
Vout (-) (or -Sense) pin increases the output voltage. The following
table can be used to determine the required external resistor value to
obtain a percentage output voltage change of Δ%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com