Electronic Components Datasheet Search
  English  ▼

X  

MP7751GF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7751GF
Description  2X20W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7751GF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7751GF Datasheet HTML 1Page - Monolithic Power Systems MP7751GF Datasheet HTML 2Page - Monolithic Power Systems MP7751GF Datasheet HTML 3Page - Monolithic Power Systems MP7751GF Datasheet HTML 4Page - Monolithic Power Systems MP7751GF Datasheet HTML 5Page - Monolithic Power Systems MP7751GF Datasheet HTML 6Page - Monolithic Power Systems MP7751GF Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV7751-F-00A – 2X20W STEREO BTL FIX FREQUENCY CLASS D AUDIO AMPLIFIER EVB
EV7751-F-00A Rev. 1.0
www.MonolithicPower.com
3
5/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EV7751-F-00A BILL OF MATERIALS
Qty
Designator
Value
Description
Package
Manufacture
Manufacture_PN
7
C1, C5, C12,
C13, C20,
C23, C30
1uF/16V
Ceramic
Capacitor;16V;
X7R
0603
muRata
GRM188R71C105KA12D
2
C2, C31
220uF/35V
Electroelytic
Capacitor;35V
SMD
JiangHai
VTD-35V220
3
C3, C32,C34
1nF/50V
Ceramic
Capacitor;50V;
C0G
0603
muRata
GRM1885C1H102JA01D
4
C8, C16,
C21, C28,
NS
2
C4, C33
470nF
Ceramic
Capacitor;50V;
X7R
0805
muRata
GRM21BR71H474KA88
4
C6,C14,
C18, C26
220nF
Ceramic
Capacitor;16V;
X7R
0402
muRata
GRM155R71C224KA12D
4
C7, C15,
C19, C27
330pF
Ceramic
Capacitor;50V;
X7R
0402
TDK
C1005X7R1H331K
2
C11, C24,
NS
2
C10, C25
NS
Ceramic
Capacitor;50V;
C0G
0603
muRata
GRM1885C1H102JA01D
4
C9,C17C22,
C29
0.68uF
Ceramic
Capacitor;50V;
X7R
1206
muRata
GRM31MR71H684KA88L
3
R1, R8, R9
10K
Film
Resistor;1%
0603
Yageo
RC0603FR-0710KL
4
R2, R5, R6,
R15
100K
Film
Resistor;1%
0603
Yageo
RC0603FR-07100KL
4
R3, R7, R11,
R13
NS
4
R4, R10,
R12, R14
10
Film
Resistor;1%
0603
Yageo
RC0603FR-0710RL
2
FB1, FB6
BLM41PG6
00SN1L
Magnetic
Bead;6A
1806
Wurth
BLM41PG600SN1L
4
FB2, FB3,
FB4, FB5
0R
Film
Resistor;1%,12
06
1206
Yageo
RC1206FR-070RL
4
L1, L2, L3,
L4
22uH
Inductor;22uH;
43mohm;5A
SMD
Wurth
744770122
7
GAIN0,
GAIN1, JP1,
JP2, JP3,
JP4, JP5
Jumper
2Pin 2.54mm
Jumper



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com