Electronic Components Datasheet Search
  English  ▼

X  

MP7751GF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP7751GF
Description  2X20W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7751GF Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP7751GF Datasheet HTML 1Page - Monolithic Power Systems MP7751GF Datasheet HTML 2Page - Monolithic Power Systems MP7751GF Datasheet HTML 3Page - Monolithic Power Systems MP7751GF Datasheet HTML 4Page - Monolithic Power Systems MP7751GF Datasheet HTML 5Page - Monolithic Power Systems MP7751GF Datasheet HTML 6Page - Monolithic Power Systems MP7751GF Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EV7751-F-00A – 2X20W STEREO BTL FIX FREQUENCY CLASS D AUDIO AMPLIFIER EVB
EV7751-F-00A Rev. 1.0
www.MonolithicPower.com
6
5/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
QUICK START GUIDE
EV7751-F-00A is set up from the factory for 5V to 26V single supply operating voltage with single-
ended signal inputs. To use differential signal inputs, please remove the jumpers from JP2 and JP4.
IN1
IN2
SPK1+
SPK1-
SPK2+
SPK2-
VCC
GND
S1
JP2
JP4
JP3
GAIN0
GAIN1
EN
GND
FAULT
InAbsence GND
PLIMIT
MP7751 Demo Board
MPS
JP1
JP5
EV7751-F-00A
Figure 5—EV7751-F-00A Connection Diagram
1. Power, Signal and Load Impedance Requirements
a. Power supply: 5V to 26V (12V typical), 4A maximum (1.8A typical).
b. 0V to 2VRMS (max) audio signal source.
c. Speaker: typically 4Ω to 8Ω (8Ω typical).
2. Setup Condition for 12V Operation
a. Adjust the DC power supply to 12V (do not turn on).
b. Connect the outputs to the external speakers.
c. Connect the DC power supply to the power input terminals.
d. Set the voltage gain by GAIN0 and GAIN1 jumpers, default voltage gain=20dB.
e. Set the PLIMIT voltage to target output power level. Default setting is 1/2 AVCC, 2.75V
equivalent.
f. Connect the audio input signal source to the amplifier inputs (IN1 and IN2).
3. Music Turn-on/off Sequence
a. Push button S1 to disable this EVB, release S1 to enable (default position).
b. Turn-on/off the power supply.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com