Electronic Components Datasheet Search
  English  ▼

X  

MP7751GF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7751GF
Description  2X20W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7751GF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7751GF Datasheet HTML 1Page - Monolithic Power Systems MP7751GF Datasheet HTML 2Page - Monolithic Power Systems MP7751GF Datasheet HTML 3Page - Monolithic Power Systems MP7751GF Datasheet HTML 4Page - Monolithic Power Systems MP7751GF Datasheet HTML 5Page - Monolithic Power Systems MP7751GF Datasheet HTML 6Page - Monolithic Power Systems MP7751GF Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV7751-F-00A
2X20W Stereo BTL Fix Frequency Class D
Audio Amplifier Evaluation Board
EV7751-F-00A Rev. 1.0
www.MonolithicPower.com
1
5/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV7751-F-00A is the evaluation board for
the MP7751, a 20W stereo BTL Fix Freuquency
Class D Audio Amplifier. It is one of MPS’
products of fully integrated audio amplifiers
which dramatically reduce solution size by
integrating the following:
• 240mΩ power MOSFETs
• Startup / Shutdown pop elimination
• Short circuit protection circuits
• Advanced EMI performance
The MP7751 utilizes Bridge Tied Load output
structure capable of delivering stereo 20W into
8Ω speakers. It features in automatic shutdown
function which can save power in battery-used
system. The PLIMIT function is useful for
limiting total output power by simply adjust a
DC reference voltage at PLIMIT pin. MPS Class
D Audio Amplifiers exhibit the high fidelity of a
Class A/B amplifier at high efficiency.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Supply Voltage
VDD
5~26
V
FEATURES
• 20W Stereo BTL Output at VDD = 18V into
8Ω loads
• 9.5W Stereo BTL Output at VDD = 12V into
8Ω loads
• Better than 90% Efficiency at 9.5W x 2 and
VDD=12V with 8Ω load, Stereo
• Low Noise (120μV Typical)
• 5V to 26V Operation from a Single Supply
APPLICATIONS
• TV
• DVD Receiver
• Active Speakers
• Home Theater
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
EV7751-F-00A EVALUATION BOARD
(L x W x H) 3.3” x 3.1” x 0.8”
8.5cm x 8.0cm x 2.0cm
Board Number
MPS IC Numbe
EV7751-F-00A
MP7751GF


Similar Part No. - MP7751GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7751GF MPS-MP7751GF Datasheet
903Kb / 19P
26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
More results

Similar Description - MP7751GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7748 MPS-MP7748 Datasheet
823Kb / 19P
2x20W Stereo Single Ended Class D Audio Amplifier
MP7751 MPS-MP7751 Datasheet
903Kb / 19P
26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
MP7752 MPS-MP7752 Datasheet
867Kb / 20P
18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
EV7720DS-00A MPS-EV7720DS-00A Datasheet
403Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7741DQ-00A MPS-EV7741DQ-00A Datasheet
273Kb / 6P
2x10W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7752-F-00A MPS-EV7752-F-00A Datasheet
251Kb / 6P
Indutorless 2X15W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
EV7782DF-02 MPS-EV7782DF-02 Datasheet
403Kb / 6P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
EV7782DF-02B MPS-EV7782DF-02B Datasheet
537Kb / 7P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
logo
Elite Semiconductor Mem...
AD52060 ESMT-AD52060 Datasheet
704Kb / 23P
2x20W Stereo Class-D Audio Amplifier with Power Limit
Revision: 1.5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com