Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3891
Description  Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 16Page - Linear Technology LTC3891 Datasheet HTML 17Page - Linear Technology LTC3891 Datasheet HTML 18Page - Linear Technology LTC3891 Datasheet HTML 19Page - Linear Technology LTC3891 Datasheet HTML 20Page - Linear Technology LTC3891 Datasheet HTML 21Page - Linear Technology LTC3891 Datasheet HTML 22Page - Linear Technology LTC3891 Datasheet HTML 23Page - Linear Technology LTC3891 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT3840
24
3840fa
For more information www.linear.com/LT3840
LINEAR TECHNOLOGY CORPORATION 2014
LT 0814 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT3840
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LT3845A
60V, Low IQ, Single Output Synchronous Step-Down
DC/DC Controller
Synchronizable Fixed Frequency 100kHz to 600kHz, 4V ≤ VIN ≤ 60V,
1.23V ≤ VOUT ≤ 36V, IQ = 120µA, TSSOP-16 Package
LT3844
60V, Low IQ, Single Output Step-Down DC/DC Controller
Synchronizable Fixed Frequency 50kHz to 600kHz, 4V ≤ VIN ≤ 60V,
1.23V ≤ VOUT ≤ 36V, IQ = 120µA, TSSOP-16 Package
LTC3864
60V, Low IQ, Step-Down DC/DC Controller 100% Duty
Cycle Capability
Selectable Fixed Frequency 200kHz to 600kHz, 3.5V ≤ VIN ≤ 60V,
0.8V ≤ VOUT ≤ VIN, IQ = 40µA, MSOP-10E Package
LTC3891
60V, Low IQ, Synchronous Step-Down DC/DC Controller
Phase-Lockable Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 60V,
0.8V ≤ VOUT ≤ 24V, IQ = 50µA
LTC3890/
LTC3890-1/
LTC3890-2
60V, Low IQ, Dual 2-Phase Synchronous Step-Down
DC/DC Controller
Phase-Lockable Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 60V,
0.8V ≤ VOUT ≤ 24V, IQ = 50µA
LTC3859A
Low IQ, Triple Output Buck/Buck/Boost Synchronous
DC/DC Controller
All Outputs Remain in Regulation Through Cold Crank, 2.5V ≤ VIN ≤ 38V,
VOUT(BUCKS) Up to 24V, VOUT(BOOST) Up to 60V, IQ = 27µA
LT8705
30V VIN and VOUT Synchronous 4-Switch Buck-Boost
Controller
Synchronizable Fixed Frequency 100kHz to 400kHz, 2.8V ≤ VIN ≤ 80V,
1.3V ≤ VOUT ≤ 30V, Four Regulation Loops
Inverting Application, 24V Input to –15V, 10A
ICOMP
ICTRL
IMON
AUXSW2
AUXSW1
AUXBST
LT3840
3840 TA05
INTVCC
BOOST
TG
SW
BG
SENSE+
SENSE–
GND
FB
VIN
VIN
18V TO 36V
EN
TK/SS
33nF
100pF
AUXVIN
UVLO
OVLO
PG
1M
1µF
4.7µF
1N4448
1µF
M1
M2
D1
L1, 15µH
M1: INFINEON, BSC160N10NS3
M2: INFINEON, BSC070N1ONS3
L1: WÜRTH, 7443631500
L2: COILCRAFT, ME3220-333KL
D1: DIODES INC. PDS5100H
L2, 33µH
CIN
68µF
×2
80.6k
10k
110k
39.2k
7.68k
470pF
SYNC
MODE
RT
VC
RSENSE
5m
49.9k
VOUT
–15V
2200pF
2200pF
COUT2
330µF
×2
VOUT
–15V
10A
COUT1
10µF
×2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com