Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3891
Description  Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 3 Page - Linear Technology

  LTC3891 Datasheet HTML 1Page - Linear Technology LTC3891 Datasheet HTML 2Page - Linear Technology LTC3891 Datasheet HTML 3Page - Linear Technology LTC3891 Datasheet HTML 4Page - Linear Technology LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3840
3
3840fa
For more information www.linear.com/LT3840
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
VIN Minimum Operating Voltage
VIN Supply Current
VIN Burst Mode Current
VIN Shutdown Current
VMODE = 0V
VEN = 0.3V
l
l
20
20
0.1
2.5
30
1
V
µA
µA
µA
AUXVIN Minimum Operating Voltage
AUXVIN Overvoltage Lockout
AUXVIN Supply Current
AUXVIN Burst Mode Current
AUXVIN Shutdown Current
(Note 3)
VMODE = 0V
VEN = 0.3V
l
l
60
300
0.1
0.1
2.5
1
V
V
µA
µA
µA
EN Enable Threshold (Rising)
EN Hysteresis
EN Pin Bias Current
VEN = 1.25V
l
1.20
1.25
30
2
1.30
V
mV
nA
UVLO Enable Threshold (Rising)
UVLO Hysteresis
UVLO Pin Bias Current
VUVLO = 1.25V
l
1.20
1.25
45
1
1.30
V
mV
nA
OVLO Threshold (Rising)
OVLO Hysteresis
OVLO Pin Bias Current
VOVLO = 1.25V
l
1.20
1.25
125
1
1.30
V
mV
nA
Voltage Regulation
Regulated FB Voltage
E- and I-Grade
l
1.237
1.250
1.263
V
Regulated FB Voltage
MP- and H-Grade
l
1.232
1.250
1.263
V
FB Overvoltage Protection
% Above FB Voltage
l
8
12
16
%
FB Overvoltage Protection Hysteresis
2.5
%
FB Input Bias Current
5
20
nA
FB Voltage Line Regulation
2.5V ≤ VIN ≤ 60V
0.002
0.02
%/V
FB Error Amp Transconductance
300
µS
FB Error Amp Sink/Source Current
±25
µA
Peak Current Limit Sense Voltage
0% Duty Cycle
80
95
110
mV
Peak Current Limit Sense Voltage
100% Duty Cycle
60
mV
TK/SS Charge Current
9
µA
Current Regulation
Sense Common Mode Range
l
0
60
V
Average Current Limit Sense Voltage
VICTRL = Open
VICTRL = 800mV
l
47.5
50
40
52.5
mV
mV
IMON Voltage
VSENSE = 50mV
VSENSE = 20mV
l
0.95
1.00
0.4
1.05
V
V
ICTRL Current
VICTRL = 1V
7
µA
Reverse Protect Sense Voltage
VMODE = 7.5V
–50
mV
Reverse Current Sense Voltage Offset
VMODE = VFB or VMODE = 0V
5
mV
Sense Input Current
SENSE+ = SENSE– = 12V
300
µA
Oscillator
Switching Frequency
RT = 49.9k
RT = 348k
RT = 13.7k
l
280
300
50
1000
320
kHz
kHz
kHz
SYNC Threshold
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com