Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3891
Description  Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 4 Page - Linear Technology

  LTC3891 Datasheet HTML 1Page - Linear Technology LTC3891 Datasheet HTML 2Page - Linear Technology LTC3891 Datasheet HTML 3Page - Linear Technology LTC3891 Datasheet HTML 4Page - Linear Technology LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3840
4
3840fa
For more information www.linear.com/LT3840
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Good
PG Threshold as a Percentage of VFB
VFB Rising
l
87
90
93
%
PG Hysteresis as a Percentage of VFB
2.5
%
PG Leakage
VPG = 5V
0.1
1
µA
PG Sink Current
VPG = 0.3V
l
35
65
µA
MOSFET Gate Drivers
Non-Overlap Time TG to BG
75
ns
Non-Overlap Time BG to TG
75
ns
TG Minimum On Time
150
ns
TG Minimum Off Time
240
ns
TG Maximum Duty Cycle
RT = 49.9k
99
%
TG, BG Drive On Voltage
7.5
V
TG, BG Drive Off Voltage
5
mV
TG, BG Drive Rise Time
CTG = CBG = 3300pF
20
ns
TG, BG Drive Fall Time
CTG = CBG = 3300pF
20
ns
BOOST UVLO (Rising)
VBOOST - VSW
4.5
5.3
V
BOOST UVLO Hysteresis
350
mV
Internal Auxiliary Supply
INTVCC Regulation Voltage
l
7.25
7.5
7.75
V
INTVCC UVLO Threshold (Rising)
6.25
6.5
6.75
V
INTVCC UVLO Hysteresis
300
mV
INTVCC Current in Shutdown
VEN = 0.3V
6
µA
INTVCC Output Current
2.5V ≤ VIN ≤ 60V (Note 4)
l
100
mA
INTVCC Burst Mode Current
VMODE = 0V
60
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3840E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LT3840I is guaranteed over the –40°C to 125°C operating junction
temperature range. The LT3840H is guaranteed over the full –40°C to
150°C operating junction temperature range. The LT3840MP is 100%
tested and guaranteed over the –55°C to 150°C temperature range. High
junction temperatures degrade operating lifetimes; Operating lifetime is
derated for junction temperatures greater than 125°C.
Note 3: Supply current specification does not include switch drive
currents. Actual supply currents will be higher.
Note 4: Specification is not tested but is guaranteed by design,
characterization and correlation with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com