Electronic Components Datasheet Search
  English  ▼

X  

LT3790 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3790
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3790 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3790 Datasheet HTML 5Page - Linear Technology LT3790 Datasheet HTML 6Page - Linear Technology LT3790 Datasheet HTML 7Page - Linear Technology LT3790 Datasheet HTML 8Page - Linear Technology LT3790 Datasheet HTML 9Page - Linear Technology LT3790 Datasheet HTML 10Page - Linear Technology LT3790 Datasheet HTML 11Page - Linear Technology LT3790 Datasheet HTML 12Page - Linear Technology LT3790 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LT8390
9
8390fa
For more information www.linear.com/LT8390
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
ISMON Voltage vs V(ISP-ISN)
SS Current vs Temperature
Oscillator Frequency
vs Temperature
V(ISP-ISN) (mV)
0
20
40
60
80
100
0
0.25
0.50
0.75
1.00
1.25
1.50
8390 G28
TEMPERATURE (°C)
–50 –25
0.0
10.0
12.5
7.5
5.0
2.5
15.0
125
100
150
0
25
8390 G29
75
50
PULL-UP
PULL-DOWN
TEMPERATURE (°C)
–50 –25
100
500
600
400
300
200
700
125
100
150
0
25
8390 G30
75
50
RT = 59.0k
RT = 100k
RT = 226k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com