Electronic Components Datasheet Search
  English  ▼

X  

LT3790 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3790
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3790 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3790 Datasheet HTML 9Page - Linear Technology LT3790 Datasheet HTML 10Page - Linear Technology LT3790 Datasheet HTML 11Page - Linear Technology LT3790 Datasheet HTML 12Page - Linear Technology LT3790 Datasheet HTML 13Page - Linear Technology LT3790 Datasheet HTML 14Page - Linear Technology LT3790 Datasheet HTML 15Page - Linear Technology LT3790 Datasheet HTML 16Page - Linear Technology LT3790 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT8390
13
8390fa
For more information www.linear.com/LT8390
OPERATION
The LT8390 is a current mode DC/DC controller that can
regulate output voltage, input or output current from in-
put voltage above, below, or equal to the output voltage.
The LTC proprietary peak-buck peak-boost current mode
control scheme uses a single inductor current sense resis-
tor and provides smooth transition between buck region,
buck-boost region, and boost region. Its operation is best
understood by referring to the Block Diagram.
Power Switch Control
Figure 1 shows a simplified diagram of how the four power
switches A, B, C, and D are connected to the inductor L,
the current sense resistor RSENSE, power input VIN, power
outputVOUT,andground.ThecurrentsenseresistorRSENSE
connected to the LSP and LSN pins provides inductor
current information for both peak current mode control
and reverse current detection in buck region, buck-boost
region,andboostregion.Figure2showsthecurrentmode
control as a function of VIN/VOUT ratio and Figure 3 shows
the operation region as a function of VIN/VOUT ratio. The
powerswitchesareproperlycontrolledtosmoothlytransi-
tion between modes and regions. Hysteresis is added to
prevent chattering between modes and regions.
There are total four states: (1) peak-buck current mode
control in buck region, (2) peak-buck current mode con-
trol in buck-boost region, (3) peak-boost current mode
control in buck-boost region, and (4) peak-boost current
mode control in boost region. The following sections give
detailed description for each state with waveforms, in
which the shoot-through protection dead time between
switches A and B, between switches C and D are ignored
for simplification.
Figure 1. Simplified Diagram of the Power Switches
Figure 2. Current Mode vs VIN/VOUT Ratio
Figure 3. Operation Region vs VIN/VOUT Ratio
VOUT
D
A
SW1
SW2
TG2
BG2
8390 F01
TG1
BG1
B
C
L
VIN
RSENSE
PEAK-BUCK
PEAK-BOOST
VIN/VOUT
0.98 1.00 1.02
8390 F02
BUCK
(1)
(2)
(2)
(3)
BOOST
BUCK-BOOST
VIN/VOUT
0.85
0.75
1.00
1.18
1.33
8390 F03
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com