Electronic Components Datasheet Search
  English  ▼

X  

LT3790 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3790
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3790 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3790 Datasheet HTML 15Page - Linear Technology LT3790 Datasheet HTML 16Page - Linear Technology LT3790 Datasheet HTML 17Page - Linear Technology LT3790 Datasheet HTML 18Page - Linear Technology LT3790 Datasheet HTML 19Page - Linear Technology LT3790 Datasheet HTML 20Page - Linear Technology LT3790 Datasheet HTML 21Page - Linear Technology LT3790 Datasheet HTML 22Page - Linear Technology LT3790 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LT8390
19
8390fa
For more information www.linear.com/LT8390
APPLICATIONS INFORMATION
Frequency Synchronization
The LT8390 switching frequency can be synchronized to
an external clock using the SYNC/SPRD pin. Driving the
SYNC/SPRD with a 50% duty cycle waveform is always a
good choice, otherwise maintain the duty cycle between
10%and90%.Duetotheuseofaphase-lockedloop(PLL)
inside, there is no restriction between the synchronization
frequency and the internal oscillator frequency. The rising
edge of the synchronization clock represents the begin-
ning of a switching cycle, turning on switches A and C,
or switches A and D.
Inductor Selection
The switching frequency and inductor selection are inter-
relatedinthathigherswitchingfrequenciesallowtheuseof
smaller inductor and capacitor values. The inductor value
has a direct effect on ripple current. The highest current
ripple∆IL%happensinthebuckregionatVIN(MAX),andthe
lowest current ripple ∆IL% happens in the boost region at
VIN(MIN). For any given ripple allowance set by customers,
the minimum inductance can be calculated as:
LBUCK >
VOUT • VIN(MAX) − VOUT
(
)
f •IOUT(MAX) • ∆IL% • VIN(MAX)
LBOOST >
VIN(MIN)
2 • V
OUT − VIN(MIN)
(
)
f •IOUT(MAX) • ∆IL% • VOUT
2
where:
∆IL% =
∆IL
IL(AVG)
f is switching frequency
VIN(MIN) is minimum input voltage
VIN(MAX) is maximum input voltage
VOUT is output voltage
IOUT(MAX) is maximum output current
Slope compensation provides stability in constant fre-
quency current mode control by preventing subharmonic
oscillationsatcertaindutycycles.Theminimuminductance
required for stability when duty cycles are larger than 50%
can be calculated as:
L
>
10 • VOUT •RSENSE
f
For high efficiency, choose an inductor with low core loss,
such as ferrite. Also, the inductor should have low DC
resistance to reduce the I2R losses, and must be able to
handle the peak inductor current without saturating. To
minimize radiated noise, use a shielded inductor.
RSENSE Selection and Maximum Output Current
RSENSE is chosen based on the required output current.
The duty cycle independent maximum current sense
thresholds (50mV in peak-buck and 50mV in peak-boost)
set the maximum inductor peak current in buck region,
buck-boost region, and boost region.
In boost region, the lowest maximum average load current
happens at VIN(MIN) and can be calculated as:
IOUT(MAX_BOOST) =
50mV
RSENSE
−
∆IL(BOOST)
2
 •
VIN(MIN)
VOUT
where ∆IL(BOOST) is peak-to-peak inductor ripple current
in boost region and can be calculated as:
∆IL(BOOST) =
VIN(MIN) • VOUT − VIN(MIN)
(
)
f •L • VOUT
In buck region, the lowest maximum average load current
happens at VIN(MAX) and can be calculated as:
IOUT(MAX_BUCK) =
50mV
RSENSE
−
∆IL(BUCK)
2
where ∆IL(BUCK) is peak-to-peak inductor ripple current in
buck region and can be calculated as:
∆IL(BUCK) =
VOUT • VIN(MAX) − VOUT
(
)
f •L • VIN(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com