Electronic Components Datasheet Search
  English  ▼

X  

LTC3852 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3852
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3852 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3852 Datasheet HTML 8Page - Linear Technology LTC3852 Datasheet HTML 9Page - Linear Technology LTC3852 Datasheet HTML 10Page - Linear Technology LTC3852 Datasheet HTML 11Page - Linear Technology LTC3852 Datasheet HTML 12Page - Linear Technology LTC3852 Datasheet HTML 13Page - Linear Technology LTC3852 Datasheet HTML 14Page - Linear Technology LTC3852 Datasheet HTML 15Page - Linear Technology LTC3852 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC3852
12
3852f
OPERATION
Main Control Loop
The LTC3852 is a constant frequency, current mode
step-down DC/DC controller which can be powered by
an onboard charge pump. Supplies as low as 2.7V, when
doubled by the charge pump, provide 5V to the LTC3852’s
control logic and gate drives, supporting a wide selection
of logic-level MOSFETs.
During normal operation, the controller’s top MOSFET is
turned on when the clock sets the RS latch, and is turned
off when the main current comparator, ICMP, resets the
RS latch. The peak inductor current at which ICMP resets
the RS latch is controlled by the voltage on the ITH pin,
which is the output of the error amplifier EA. The VFB pin
receives the voltage feedback signal, which is compared
to the internal reference voltage by the EA. When the
load current increases, it causes a slight decrease in VFB
relative to the 0.8V reference, which in turn causes the
ITH voltage to increase until the average inductor current
matches the new load current. After the top MOSFET has
turned off, the bottom MOSFET is turned on until either
the inductor current starts to reverse, as indicated by the
reverse current comparator, IREV, or the beginning of the
next cycle.
The charge pump section uses a switched capacitor doubler
to boost VIN1 to 2
¥ VIN1, with a regulated maximum of
5V. Regulation is achieved by sensing the output voltage
through an internal resistor divider and modulating the
charge pump output current based on the error signal. A
2-phase nonoverlapping clock activates the charge pump
switches. The flying capacitor is charged from VIN1 on
the first phase of the clock. On the second phase of the
clock it is stacked in series with VIN1 and connected to
VPUMP. This sequence of charging and discharging the
flying capacitor continues at a free running frequency of
1.2MHz (typ).
Two configurations address most LTC3852 applications.
Figure 1a covers the single low input voltage case, typically
3.3V. The input to the charge pump, VIN1, is connected to
the same input voltage as the drain of the top MOSFET.
VPUMP, VIN2 and INTVCC are tied together, so that the
charge pump’s 5V output provides all power to the buck
controller section.
The alternative arrangement in Figure 1b allows the
LTC3852 to step down from as high as 38V, while powering
itself from an available 3.3V bus. The input to the charge
pump, VIN1, is connected to 3.3V instead of the drain of
the top MOSFET. It is not necessary to step the high input
voltage down to 5V through a linear regulator. Logic level
MOSFETs are usable in both cases.
VIN 3.3V
3852 F01a
VIN1
VPUMP
VIN2
INTVCC
TG
BG
Figure 1a
VIN ≤ 38V
3852 F01b
VIN1
VPUMP
VIN2
INTVCC
TG
BG
3.3V
Figure 1b
INTVCC Power
Power for the top and bottom MOSFET drivers and most
other internal circuitry is derived from the INTVCC pin. Peak
current drawn from INTVCC should not exceed 50mA.
The top MOSFET driver is biased from the floating boot-
strap capacitor, CB, which normally recharges during each
off cycle through an external diode when the top MOSFET
turns off. If VIN decreases to a voltage close to VOUT, the
loop may enter dropout and attempt to turn on the top
MOSFET continuously. The dropout detector detects this
and forces the top MOSFET off for about 1/10 of the clock
period every tenth cycle to allow CB to recharge. However, it



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com