Electronic Components Datasheet Search
  English  ▼

X  

LTC3852 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3852
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3852 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3852 Datasheet HTML 24Page - Linear Technology LTC3852 Datasheet HTML 25Page - Linear Technology LTC3852 Datasheet HTML 26Page - Linear Technology LTC3852 Datasheet HTML 27Page - Linear Technology LTC3852 Datasheet HTML 28Page - Linear Technology LTC3852 Datasheet HTML 29Page - Linear Technology LTC3852 Datasheet HTML 30Page - Linear Technology LTC3852 Datasheet HTML 31Page - Linear Technology LTC3852 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC3852
29
3852f
The power dissipation on the topside MOSFET can be easily
estimated. Choosing Vishay SIR438DP MOSFETs results
in: RDS(ON) = 0.0023
W, CMILLER = 445pF. At maximum
input voltage with T (estimated) = 50°C:
P
MAIN =
1.5V
5.5V
15
()2 1+ 0.005
() 50°C− 25°C
()
⎡⎣
⎤⎦
• 0.0023
Ω
()+ 5.5V
()2
15A
2
⎛
⎝⎜
⎞
⎠⎟
2
Ω
() 445pF
()
•
1
5
− 1
+
1
1
⎡
⎣⎢
⎤
⎦⎥
400kHz
() = 108mW
A short-circuit to ground will result in a folded back current of:
I
SC =
1
4
()65mV
0.003
Ω
–
1
2
90ns 5.5V
()
400nH
⎛
⎝⎜
⎞
⎠⎟
= 4.8A
APPLICATIONS INFORMATION
with a typical value of RDS(ON) and
d = (0.005/°C)(25°C)
= 0.125. The resulting power dissipated in the bottom
MOSFET is:
P
SYNC =
5.5V–1.5V
5.5V
15A
()2 1.125
() 0.0023Ω
()=423mW
which is less than under full-load conditions.
CIN is chosen for an RMS current rating of at least 9A at
temperature. COUT is chosen with an ESR of 0.02
W for
low output ripple. The output ripple in continuous mode
will be highest at the maximum input voltage. The output
voltage ripple due to ESR is approximately:
VORIPPLE = RESR (
DIL) = 0.02W (5.1A) = 102mVP-P
TYPICAL APPLICATIONS
Figure 16. High Efficiency 1.5V/15A Step-Down Converter From Design Example
C8
2200pF
1
2
3
JP1
RUN
R9
5.9k
C5
0.1μF
2.2μF
10V
0603
C1
JP2
MODE
1
2
3
4
R5
68.1k
1%
R16
100k
R17
100k
C9
150pF
C11
0.01μF
VIN
INTVCC
100k
PGOOD
ON
OFF
CCM
BURST
PS
GND
VIN
2.7V TO 5.5V
CIN1
220μF
6.3V
L1
0.4μH
CIN1: SANYO 6TPE220MI
COUT1: AVX 12106D107MAT2A
COUT2: SANYO 4TPE330MI
D1: CENTRAL SEMI CMDSH-3
L1: VITEC 59PR9875N
Q1, Q3: VISHAY SILICONIX SiR438DP
CIN5
10μF
16V
1206
×2
COUT1
100μF
6.3V
COUT2
330μF
4V
×2
VOUT
1.5V/15A
Q1
D1
Q3
C15
4.7μF
10V
C6
0.1μF
C12
1000pF
RS1
0.002
1%
+
GND
R11
100Ω
R20
17.4k
1%
R19
20k
1%
R12
100Ω
24
GND1
GND2
FB
BG
TG
BOOST
SW
INTVCC
VIN2
VIN1
VPUMP
SENSE–
SENSE+
C–
C+
MODE/
PLLIN
FREQ/PLLFLTR
RUN
TRACK/SS
PGOOD
SHDN
ITH
GND
LTC3852
3852 F16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com