Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4677
Description  PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 3Page - Linear Technology LTM4677 Datasheet HTML 4Page - Linear Technology LTM4677 Datasheet HTML 5Page - Linear Technology LTM4677 Datasheet HTML 6Page - Linear Technology LTM4677 Datasheet HTML 7Page - Linear Technology LTM4677 Datasheet HTML 8Page - Linear Technology LTM4677 Datasheet HTML 9Page - Linear Technology LTM4677 Datasheet HTML 10Page - Linear Technology LTM4677 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC3874-1
7
38741f
For more information www.linear/LTC3874-1
FuncTional block DiagraM One of Two Channels (CH0) Shown
10µA
EXTVCC
INTVCC
INTVCC
IREV
ICMP
INTVCC
ITH0
ILIM
ISENSE0+
ISENSE0–
ON
5K
REV
UVLO
FCNT
RUN
FAULTB
1.7V
RUN0
SGND
MODE0
FAULT0
VIN
VIN
COUT0
CIN
4.7V
FREQ
SYNC
PHASMD
SYNC/PHASE
DETECT
OSC
PLL-SYNC
UVLO
DC
AMP
SLOPE
COMPENSATION
ILIM RANGE SELECT
HI: 1:1
LO: 1:1.8
SWITCH
LOGIC
AND
ANTI-
SHOOT-
THROUGH
S
R
Q
5.5V
REG
+
+
REF
–
+
LOWDCR
38741 BD
1
60k
1
5k
DrMOS
VCC0
PWM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com