Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4677
Description  PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 5Page - Linear Technology LTM4677 Datasheet HTML 6Page - Linear Technology LTM4677 Datasheet HTML 7Page - Linear Technology LTM4677 Datasheet HTML 8Page - Linear Technology LTM4677 Datasheet HTML 9Page - Linear Technology LTM4677 Datasheet HTML 10Page - Linear Technology LTM4677 Datasheet HTML 11Page - Linear Technology LTM4677 Datasheet HTML 12Page - Linear Technology LTM4677 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTC3874-1
9
38741f
For more information www.linear/LTC3874-1
operaTion
Light Load Current Operation (Discontinuous
Conduction Mode, Continuous Conduction Mode)
The LTC3874-1 can operate either in discontinuous con-
duction mode or forced continuous conduction mode.
To select forced continuous mode, tie the MODE pin to a
DC voltage above 2V (e.g., INTVCC). To select discontinu-
ous conduction mode, tie the MODE pin to a DC voltage
below 1.4V (e.g., GND).In forced continuous mode,
the inductor current is allowed to reverse at light loads
or under large transient conditions. The peak inductor
current is determined by the voltage on the ITH pin. In
this mode, the efficiency at light loads is lower than in
discontinuous mode. However, continuous mode has the
advantages of lower output ripple and less interference
with audio circuitry. When the MODE pin is connected to
GND, the LTC3874-1 operates in discontinuous mode at
light loads. At very light loads, the current comparator
ICMP may remain tripped for several cycles and force the
external top MOSFET to stay off for the same number of
cycles (i.e., skipping pulses). This mode provides higher
light load efficiency than forced continuous mode and the
inductor current is not allowed to reverse. There is a 500k
pull-down resistor internally connected to the MODE pin.
If the MODE0/1 pins are left floating, both channels are in
discontinuous conduction mode by default.
Multichip Operations (PHASMD and SYNC Pins)
The PHASMD pin determines the relative phases between
the internal channels as well as the external clock signal on
SYNC pin as shown in Table 1. The phases tabulated are
relative to zero degree phase being defined as the falling
edge of the clock on SYNC pin.
Table 1
PHASMD
CHANNEL 0 PHASE
CHANNEL 1 PHASE
GND
180°
0°
1/3 INTVCC
60°
300°
2/3 INTVCC or Float
120°
240°
INTVCC
90°
270°
The SYNC pin is used to synchronize switching frequency
betweenthemasterandslavecontrollers.Inputcapacitance
ESR requirements and efficiency losses are substantially
reduced because the peak current drawn from the input
capacitor is effectively divided by the number of phases
used and power loss is proportional to the RMS current
squared. A two stage, single output voltage implementa-
tion can reduce input path power loss by 75% and radi-
cally reduce the required RMS current rating of the input
capacitor(s).
Single Output Multiphase Operation
The LTC3874-1 is configured for single output multiphase
converters with a master controller by making these con-
nections
• Tie all the ITH pins of paralleled channels together for
current sharing between masters and slaves;
• Tie all SYNC or PLLIN pins of paralleled channels to-
gether or tie the master chip’s CLKOUT pin to the slave
chip’sSYNCpinforswitchingfrequencysynchronization
among channels.
• Tie all the RUN pins of paralleled channels together for
startup and shutdown at the same time.
• Tie the fault indictor pin of the master controller if avail-
able to the FAULT pin of the slave controller for fault
protection.
• The LTC3874-1 MODE pin can be tied to the master chip
PGOOD pin for start-up control. During soft-start, the
LTC3874-1 operates in DCM mode. When the soft-start
interval is done, the LTC3874-1 operates in CCM mode.
Examples of single output multiphase converters are
shown in Figure 1.
The Typical Application on the first page of this data sheet
is a basic LTC3874-1 application circuit configured as a
slavecontroller.Inparalleledoperation,thecurrentsensing
scheme and circuit parameters in the LTC3874-1 have to
be the same as the master controller to achieve balanced
current sharing between masters and slaves. Input and
output capacitors are selected based on RMS current
rating, ripple and transient specs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com