Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3759
Description  No RSENSE Current Mode Boost DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3759 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3759 Datasheet HTML 9Page - Linear Technology LT3759 Datasheet HTML 10Page - Linear Technology LT3759 Datasheet HTML 11Page - Linear Technology LT3759 Datasheet HTML 12Page - Linear Technology LT3759 Datasheet HTML 13Page - Linear Technology LT3759 Datasheet HTML 14Page - Linear Technology LT3759 Datasheet HTML 15Page - Linear Technology LT3759 Datasheet HTML 16Page - Linear Technology LT3759 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3872-1
13
38721f
For more information www.linear.com/LTC3872-1
Input Capacitor Selection
The input capacitor of a boost converter is less critical
than the output capacitor, due to the fact that the inductor
is in series with the input and the input current waveform
is continuous (see Figure 6b). The input voltage source
impedance determines the size of the input capacitor,
which is typically in the range of 10µF to 100µF. A low ESR
capacitor is recommended, although it is not as critical as
for the output capacitor.
The RMS input capacitor ripple current for a boost con-
verter is:
IRMS(CIN) =0.3•
VIN(MIN)
L • f
•DMAX
Please note that the input capacitor can see a very high
surge current when a battery is suddenly connected to
the input of the converter and solid tantalum capacitors
can fail catastrophically under these conditions. Be sure
to specify surge-tested capacitors!
Efficiency Considerations: How Much Does VDS
Sensing Help?
Theefficiencyofaswitchingregulatorisequaltotheoutput
power divided by the input power (
×100%).
Percent efficiency can be expressed as:
% Efficiency = 100% – (L1 + L2 + L3 + …),
where L1, L2, etc. are the individual loss components as a
percentage of the input power. It is often useful to analyze
individuallossestodeterminewhatislimitingtheefficiency
and which change would produce the most improvement.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for the majority
of the losses in LTC3872-1 application circuits:
1. The supply current into VIN. The VIN current is the
sum of the DC supply current IQ (given in the Electrical
Characteristics) and the MOSFET driver and control cur-
rents. The DC supply current into the VIN pin is typically
about 250µA and represents a small power loss (much
less than 1%) that increases with VIN. The driver current
results from switching the gate capacitance of the power
MOSFET; this current is typically much larger than the DC
current. Each time the MOSFET is switched on and then
off, a packet of gate charge QG is transferred from VIN
to ground. The resulting dQ/dt is a current that must be
supplied to the Input capacitor by an external supply. If
the IC is operating in CCM:
IQ(TOT) ≈ IQ = f • QG
PIC = VIN • (IQ + f • QG)
2. Power MOSFET switching and conduction losses. The
technique of using the voltage drop across the power
MOSFET to close the current feedback loop was chosen
because of the increased efficiency that results from not
having a sense resistor. The losses in the power MOSFET
are equal to:
PFET =
IO(MAX)
1– DMAX
2
•RDS(ON) •DMAX • ρT
+ k • VO 1.85 •
IO(MAX)
1– DMAX
• CRSS • f
TheI2Rpowersavingsthatresultfromnothavingadiscrete
sense resistor can be calculated almost by inspection.
PR(SENSE) =
IO(MAX)
1– DMAX
2
•RSENSE •DMAX
To understand the magnitude of the improvement with
this VDS sensing technique, consider the 3.3V input, 5V
output power supply shown in the Typical Application on
thefrontpage.Themaximumloadcurrentis7A(10Apeak)
and the duty cycle is 39%. Assuming a ripple current of
40%, the peak inductor current is 13.8A and the average
applicaTions inForMaTion
Figure 7. Load Transient Response for a 3.3V Input,
5V Output Boost Converter Application, 0.1A to 1A Step
ILOAD
500mA/DIV
VOUT
200mV/DIV
AC-COUPLED
20µs/DIV
38721 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com