Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3759
Description  No RSENSE Current Mode Boost DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3759 Datasheet(HTML) 3 Page - Linear Technology

  LT3759 Datasheet HTML 1Page - Linear Technology LT3759 Datasheet HTML 2Page - Linear Technology LT3759 Datasheet HTML 3Page - Linear Technology LT3759 Datasheet HTML 4Page - Linear Technology LT3759 Datasheet HTML 5Page - Linear Technology LT3759 Datasheet HTML 6Page - Linear Technology LT3759 Datasheet HTML 7Page - Linear Technology LT3759 Datasheet HTML 8Page - Linear Technology LT3759 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3872-1
3
38721f
For more information www.linear.com/LTC3872-1
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3872-1 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3872-1E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3872-1I is guaranteed
over the –40°C to 125°C operating junction temperature range. The
LTC3872-1H is guaranteed over the full –40°C to 150°C operating junction
temperature range. The maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance and
other environmental factors.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
l
2.75
9.8
V
Input DC Supply Current
Normal Operation
Shutdown
UVLO
Typicals at VIN = 4.2V (Note 4)
2.75V ≤ VIN ≤ 9.8V
VRUN/SS = 0V
VIN < UVLO Threshold
250
8
20
400
20
35
µA
µA
µA
Undervoltage Lockout Threshold
VIN Rising
VIN Falling
l
l
2.3
2.05
2.45
2.3
2.75
2.55
V
V
Shutdown Threshold (at RUN/SS)
VRUN/SS Falling
VRUN/SS Rising
l
l
0.6
0.65
0.85
0.95
1.05
1.15
V
V
Regulated Feedback Voltage
(Note 5) LTC3872-1E
LTC3872-1I and LTC3872-1H
l
l
1.182
1.178
1.2
1.2
1.218
1.218
V
V
Feedback Voltage Line Regulation
2.75V < VIN < 9V (Note 5)
0.14
mV/V
Feedback Voltage Load Regulation
VITH = 1.6V (Note 5)
VITH = 1V (Note 5)
0.05
–0.05
%
%
VFB Input Current
(Note 5)
25
50
nA
RUN/SS Pull Up Current
VRUN/SS = 0
0.35
0.7
1.25
µA
Oscillator Frequency
Normal Operation
VFB = 1V
500
550
650
kHz
Gate Drive Rise Time
CLOAD = 3000pF
40
ns
Gate Drive Fall Time
CLOAD = 3000pF
40
ns
Peak Current Sense Voltage
IPRG = GND (Note 6)
LTC3872-1E
LTC3872-1I
LTC3872-1H
l
l
l
90
85
80
105
105
105
120
120
120
mV
mV
mV
IPRG = Float
LTC3872-1E
LTC3872-1I
LTC3872-1H
l
l
l
160
150
145
180
180
180
200
200
200
mV
mV
mV
IPRG = VIN
LTC3872-1E
LTC3872-1I
LTC3872-1H
l
l
l
260
250
240
285
285
285
310
310
310
mV
mV
mV
Default Internal Soft-Start Time
1
ms
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 4.2V unless otherwise noted.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3872-1TS8: TJ = TA + (PD • 195°C/W)
LTC3872-1DDB: TJ = TA + (PD • 76°C/W)
Note 4: The dynamic input supply current is higher due to power MOSFET
gate charging (QG • fOSC). See Applications Information.
Note 5: The LTC3872-1 is tested in a feedback loop which servos VFB to
the reference voltage with the ITH pin forced to the midpoint of its voltage
range (0.7V ≤ VITH ≤ 1.9V, midpoint = 1.3V).
Note 6: Rise and fall times are measured at 10% and 90% levels.
elecTrical characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com