Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3759
Description  No RSENSE Current Mode Boost DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3759 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3759 Datasheet HTML 10Page - Linear Technology LT3759 Datasheet HTML 11Page - Linear Technology LT3759 Datasheet HTML 12Page - Linear Technology LT3759 Datasheet HTML 13Page - Linear Technology LT3759 Datasheet HTML 14Page - Linear Technology LT3759 Datasheet HTML 15Page - Linear Technology LT3759 Datasheet HTML 16Page - Linear Technology LT3759 Datasheet HTML 17Page - Linear Technology LT3759 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3872-1
14
38721f
For more information www.linear.com/LTC3872-1
is 11.5A. With a maximum sense voltage of about 140mV,
the sense resistor value would be 10m
Ω, and the power
dissipated in this resistor would be 514mW at maximum
output current. Assuming an efficiency of 90%, this
sense resistor power dissipation represents 1.3% of the
overall input power. In other words, for this application,
the use of VDS sensing would increase the efficiency by
approximately 1.3%.
For more details regarding the various terms in these
equations, please refer to the section Boost Converter:
Power MOSFET Selection.
3. The losses in the inductor are simply the DC input cur-
rentsquaredtimesthewindingresistance.Expressingthis
loss as a function of the output current yields:
PR(WINDING) =
IO(MAX)
1– DMAX
2
•RW
4. Losses in the boost diode. The power dissipation in the
boost diode is:
PDIODE = IO(MAX) • VD
The boost diode can be a major source of power loss in
a boost converter. For the 3.3V input, 5V output at 7A ex-
ample given above, a Schottky diode with a 0.4V forward
voltage would dissipate 2.8W, which represents 7% of the
input power. Diode losses can become significant at low
output voltages where the forward voltage is a significant
percentage of the output voltage.
5. Other losses, including CIN and CO ESR dissipation and
inductor core losses, generally account for less than 2%
of the total additional loss.
Checking Transient Response
The regulator loop response can be verified by looking at
theloadtransientresponse.Switchingregulatorsgenerally
take several cycles to respond to an instantaneous step
in resistive load current. When the load step occurs, VO
immediately shifts by an amount equal to (
DILOAD)(ESR),
and then CO begins to charge or discharge (depending on
the direction of the load step) as shown in Figure 7. The
regulator feedback loop acts on the resulting error amp
output signal to return VO to its steady-state value. During
this recovery time, VO can be monitored for overshoot or
ringing that would indicate a stability problem.
A second, more severe transient can occur when con-
necting loads with large (>1µF) supply bypass capacitors.
The discharged bypass capacitors are effectively put in
parallel with CO, causing a nearly instantaneous drop in
VO. No regulator can deliver enough current to prevent
this problem if the load switch resistance is low and it is
driven quickly. The only solution is to limit the rise time
of the switch drive in order to limit the inrush current
di/dt to the load.
Boost Converter Design Example
Thedesignexamplegivenherewillbeforthecircuitshown
on the front page. The input voltage is 3.3V, and the output
is 5V at a maximum load current of 2A.
1. The duty cycle is:
D =
VO + VD – VIN
VO + VD
 =
5+ 0.4 – 3.3
5+ 0.4
= 38.9%
2. An inductor ripple current of 40% of the maximum load
current is chosen, so the peak input current (which is also
the minimum saturation current) is:
IIN(PEAK) = 1+
χ
2
•
IO(MAX)
1– DMAX
= 1.2 •
2
1– 0.39
= 3.9A
The inductor ripple current is:
∆IL = c•
IO(MAX)
1–DMAX
= 0.4•
2
1– 0.39
=1.3A
And so the inductor value is:
L =
VIN(MIN)
∆IL • f
•DMAX =
3.3V
1.3A •550kHz
•0.39 =1.8µH
The component chosen is a 2.2µH inductor made by
Sumida (part number CEP125-H 1ROMH).
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com