Electronic Components Datasheet Search
  English  ▼

X  

LTC3892 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3892
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3892 Datasheet(HTML) 2 Page - Linear Technology

  LTC3892 Datasheet HTML 1Page - Linear Technology LTC3892 Datasheet HTML 2Page - Linear Technology LTC3892 Datasheet HTML 3Page - Linear Technology LTC3892 Datasheet HTML 4Page - Linear Technology LTC3892 Datasheet HTML 5Page - Linear Technology LTC3892 Datasheet HTML 6Page - Linear Technology LTC3892 Datasheet HTML 7Page - Linear Technology LTC3892 Datasheet HTML 8Page - Linear Technology LTC3892 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
2
38921fc
For more information www.linear.com/LTC3892
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... –0.3V to 65V
Top Side Driver Voltages
(BOOST1, BOOST2) ............................... –0.3V to 76V
Switch Voltage (SW1, SW2).......................... –5V to 70V
DRVCC, (BOOST1-SW1),
(BOOST2-SW2).......................................–0.3V to 11V
BG1, BG2, TG1, TG2........................................... (Note 8)
RUN1, RUN2 Voltages................................ –0.3V to 65V
SENSE1+, SENSE2+, SENSE1–
SENSE2– Voltages ................................. –0.3V to 65V
PLLIN/MODE, FREQ Voltages ...................... –0.3V to 6V
EXTVCC Voltage ......................................... –0.3V to 14V
ITH1, ITH2, VFB1, VFB2 Voltages ..................... –0.3V to 6V
DRVSET, DRVUV Voltages ........................... –0.3V to 6V
(Notes 1, 3)
PIN CONFIGURATION
TRACK/SS1, TRACK/SS2 Voltages .............. –0.3V to 6V
PGOOD1, PGOOD2 Voltages
(LTC3892/LTC3892-2) ............................. –0.3V to 6V
VPRG1, ILIM Voltages
(LTC3892/LTC3892-2) ............................. –0.3V to 6V
Operating Junction Temperature Range (Note 2)
LTC3892E, LTC3892I,
LTC3892E-1, LTC3892I-1,
LTC3892E-2, LTC3892I-2................... –40°C to 125°C
LTC3892H,
LTC3892H-1, LTC3892H-2 ................. –40°C to 150°C
LTC3892MP, LTC3892MP-1,
LTC3892MP-2.................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
LTC3892/LTC3892-2
LTC3892-1
32
33
GND
31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
FREQ
PLLIN/MODE
PGOOD1
PGOOD2
INTVCC
RUN1
RUN2
ILIM
BOOST1
BG1
VIN
EXTVCC
DRVCC
BG2
BOOST2
SW2
TJMAX = 150°C, θJA = 44°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE CONNECTED TO GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ITH1
VFB1
SENSE1+
SENSE1–
FREQ
PLLIN/MODE
INTVCC
RUN1
RUN2
SENSE2–
SENSE2+
VFB2
ITH2
DRVUV
TRACK/SS1
TG1
SW1
BOOST1
BG1
VIN
EXTVCC
DRVCC
BG2
BOOST2
SW2
TG2
TRACK/SS2
DRVSET
29
GND
TJMAX = 150°C, θJA = 30°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE CONNECTED TO GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com