Electronic Components Datasheet Search
  English  ▼

X  

LTC3892 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3892
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3892 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3892 Datasheet HTML 16Page - Linear Technology LTC3892 Datasheet HTML 17Page - Linear Technology LTC3892 Datasheet HTML 18Page - Linear Technology LTC3892 Datasheet HTML 19Page - Linear Technology LTC3892 Datasheet HTML 20Page - Linear Technology LTC3892 Datasheet HTML 21Page - Linear Technology LTC3892 Datasheet HTML 22Page - Linear Technology LTC3892 Datasheet HTML 23Page - Linear Technology LTC3892 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
20
38921fc
For more information www.linear.com/LTC3892
APPLICATIONS INFORMATION
voltage and maximum output current. Miller capacitance,
CMILLER, can be approximated from the gate charge curve
usually provided on the MOSFET manufacturers’ data
sheet. CMILLER is equal to the increase in gate charge
along the horizontal axis while the curve is approximately
flat divided by the specified change in VDS. This result is
then multiplied by the ratio of the application applied VDS
to the gate charge curve specified VDS. When the IC is
operating in continuous mode the duty cycles for the top
and bottom MOSFETs are given by:
Main Switch Duty Cycle =
VOUT
VIN
Synchronous Switch Duty Cycle =
VIN − VOUT
VIN
The MOSFET power dissipations at maximum output
current are given by:
PMAIN =
VOUT
VIN
IOUT(MAX)
(
)2 1+δ
(
)RDS(ON) +
(VIN)2
IOUT(MAX)
2

 (RDR)(CMILLER)•
1
VDRVCC − VTHMIN
+
1
VTHMIN
(f)
PSYNC =
VIN − VOUT
VIN
IOUT(MAX)
(
)2 1+δ
(
)RDS(ON)
where δ is the temperature dependency of RDS(ON) and
RDR (approximately 2Ω) is the effective driver resistance
at the MOSFET’s Miller threshold voltage. VTHMIN is the
typical MOSFET minimum threshold voltage.
Both MOSFETs have I2R losses while the main N-channel
equations include an additional term for transition losses,
which are highest at high input voltages. For VIN < 20V
the high current efficiency generally improves with larger
MOSFETs, while for VIN > 20V the transition losses rapidly
increase to the point that the use of a higher RDS(ON)device
withlowerCMILLERactuallyprovideshigherefficiency.The
synchronous MOSFET losses are greatest at high input
voltage when the top switch duty factor is low or during
a short-circuit when the synchronous switch is on close
to 100% of the period.
The term (1 + δ) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs Temperature curve, but
δ = 0.005/°C can be used as an approximation for low
voltage MOSFETs.
Optional Schottky diodes placed across the synchronous
MOSFET conduct during the dead-time between the con-
duction of the two power MOSFETs. This prevents the
body diode of the synchronous MOSFET from turning
on, storing charge during the dead-time and requiring a
reverse recovery period that could cost as much as 3%
in efficiency at high VIN. A 1A to 3A Schottky is generally
a good compromise for both regions of operation due to
the relatively small average current. Larger diodes result
in additional transition losses due to their larger junction
capacitance.
CIN and COUT Selection
The selection of CIN is simplified by the 2-phase architec-
ture and its impact on the worst-case RMS current drawn
throughtheinputnetwork(battery/fuse/capacitor).Itcanbe
shown that the worst-case capacitor RMS current occurs
when only one controller is operating. The controller with
the highest (VOUT)(IOUT) product needs to be used in the
formula shown in Equation 1 to determine the maximum
RMS capacitor current requirement. Increasing the out-
put current drawn from the other controller will actually
decrease the input RMS ripple current from its maximum
value. The opt-of-phase technique typically reduces the
input capacitor’s RMS ripple current by a factor of 30%
to 70% when compared to a single phase power supply
solution.
Incontinuousmode,thesourcecurrentofthetopMOSFET
is a square wave of duty cycle (VOUT)/(VIN). To prevent
large voltage transients, a low ESR capacitor sized for the
maximum RMS current of one channel must be used. The
maximum RMS capacitor current is given by:
CIN Required IRMS ≈
IMAX
VIN
VOUT
(
) VIN −VOUT
(
)


1/2
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com