Electronic Components Datasheet Search
  English  ▼

X  

LTC3892 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3892
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3892 Datasheet(HTML) 3 Page - Linear Technology

  LTC3892 Datasheet HTML 1Page - Linear Technology LTC3892 Datasheet HTML 2Page - Linear Technology LTC3892 Datasheet HTML 3Page - Linear Technology LTC3892 Datasheet HTML 4Page - Linear Technology LTC3892 Datasheet HTML 5Page - Linear Technology LTC3892 Datasheet HTML 6Page - Linear Technology LTC3892 Datasheet HTML 7Page - Linear Technology LTC3892 Datasheet HTML 8Page - Linear Technology LTC3892 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
3
38921fc
For more information www.linear.com/LTC3892
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3892EUH#PBF
LTC3892EUH#TRPBF
3892
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3892IUH#PBF
LTC3892IUH#TRPBF
3892
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3892HUH#PBF
LTC3892HUH#TRPBF
3892
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 150°C
LTC3892MPUH#PBF
LTC3892MPUH#TRPBF
3892
32-Lead (5mm × 5mm) Plastic QFN
–55°C to 150°C
LTC3892EFE-1#PBF
LTC3892EFE-1#TRPBF
LTC3892FE-1
28-Lead Plastic TSSOP
–40°C to 125°C
LTC3892IFE-1#PBF
LTC3892IFE-1#TRPBF
LTC3892FE-1
28-Lead Plastic TSSOP
–40°C to 125°C
LTC3892HFE-1#PBF
LTC3892HFE-1#TRPBF
LTC3892FE-1
28-Lead Plastic TSSOP
–40°C to 150°C
LTC3892MPFE-1#PBF
LTC3892MPFE-1#TRPBF LTC3892FE-1
28-Lead Plastic TSSOP
–55°C to 150°C
LTC3892EUH-2#PBF
LTC3892EUH-2#TRPBF
38922
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3892IUH-2#PBF
LTC3892IUH-2#TRPBF
38922
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3892HUH-2#PBF
LTC3892HUH-2#TRPBF
38922
32-Lead (5mm × 5mm) Plastic QFN
–40°C to 150°C
LTC3892MPUH-2#PBF
LTC3892MPUH-2#TRPBF 38922
32-Lead (5mm × 5mm) Plastic QFN
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/ . Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC3892#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com