Electronic Components Datasheet Search
  English  ▼

X  

LTC3892 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3892
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3892 Datasheet(HTML) 1 Page - Linear Technology

  LTC3892 Datasheet HTML 1Page - Linear Technology LTC3892 Datasheet HTML 2Page - Linear Technology LTC3892 Datasheet HTML 3Page - Linear Technology LTC3892 Datasheet HTML 4Page - Linear Technology LTC3892 Datasheet HTML 5Page - Linear Technology LTC3892 Datasheet HTML 6Page - Linear Technology LTC3892 Datasheet HTML 7Page - Linear Technology LTC3892 Datasheet HTML 8Page - Linear Technology LTC3892 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC7821
1
Rev A
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Hybrid Step-Down
Synchronous Controller
Efficiency at Various VIN for
VOUT = 12V
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, Including 9484799.
n
Wide VIN Range: 10V to 72V (80V ABS Max)
n
Soft Switching for Low Noise Operation
n
Phase-Lockable Fixed Frequency 200kHz to 1.5MHz
n
±1% Output Voltage Accuracy
n
RSENSE or DCR Current Sensing
n
Programmable CCM, DCM, or Burst Mode® Operation
n
CLKOUT Pin for Multiphase Operation
n
Short Circuit Protected
n
EXTVCC Input for Improved Efficiency
n
Monotonic Output Voltage Start-Up
n
Optional External Reference
n
32-Pin (5mm × 5mm) QFN
n
Intermediate Bus Converters
n
High Current Distributed Power Systems
n
Telecom, Datacom, and Storage Systems
n
Automotive Applications
The LTC®7821 uses a proprietary architecture that merges
a soft switching charge pump topology with a synchro-
nous step-down converter to provide superior efficiency
and EMI performance compared to traditional switching
architectures.
In a typical 48V to 12V application, efficiency of greater
than 97% is attainable with the LTC7821 switching at
500kHz. The same efficiency can only be achieved with a
traditional controller switching at one-third the frequency.
Higher switching frequencies allow the use of smaller in-
ductances that yield faster transient response and smaller
solution size.
The LTC7821 can be easily paralleled to provide higher
outputcurrentswithitsaccuratecurrentsharingcapability
and frequency synchronization function.
2µH
CFLY
10µF
×8
CB1, 0.22µF
CB2
0.47µF
CB3
1µF
4.7µF
CIN
100µF
M1
M2
M3
M4
100
1µF
10k
10k
COUT
150µF
×2
1k
0.1µF
10µF
×2
6.81k
0.22µF
VIN_SENSE
VIN
PINS NOT SHOWN IN THIS CIRCUIT:
CLKOUT
TEMP
RUN
HYS_PRGM
MODE/PLLIN
TRACK/SS
M1: BSZ070N08LSS
M2, M3: BSC032N04LS
M4: BSC014N04LSI
TIMER
FREQ
EXT_REF
FAULT
PGOOD
ITH
EXTVCC
VFB
ISNS+
ISNS–
PGND
INTVCC
BG2
SW3
BOOST3
TG2
MID_SENSE
MID
BOOST2
BG1
SW1
BOOST1
LTC7821
7821 TA01a
TG1
VIN
36V TO 72V
INTVCC
VOUT
12V
20A
D1
D2
D3
INTVCC
8V
PGOOD
FAULT
60.4k
4.32k
+
CMID
10µF
×8
+
2.2µF
×6
fSW = 500KHz
VOUT = 12V
CCM
IOUT = 20A
IOUT = 10A
INPUT VOLTAGE (V)
30
40
50
60
70
80
93
94
95
96
97
98
99
100
7821 TA01b
Document Feedback


Similar Part No. - LTC3892

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892 Datasheet
920Kb / 38P
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3892 LINER-LTC3892 Datasheet
1Mb / 32P
Low IQ, 60V, High Frequency Synchronous Step-Down Controller
LTC3892 LINER-LTC3892 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3892

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
Synchronous Step Down Controller
10-Oct-05
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com