Electronic Components Datasheet Search
  English  ▼

X  

LTC3892 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3892
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3892 Datasheet(HTML) 4 Page - Linear Technology

  LTC3892 Datasheet HTML 1Page - Linear Technology LTC3892 Datasheet HTML 2Page - Linear Technology LTC3892 Datasheet HTML 3Page - Linear Technology LTC3892 Datasheet HTML 4Page - Linear Technology LTC3892 Datasheet HTML 5Page - Linear Technology LTC3892 Datasheet HTML 6Page - Linear Technology LTC3892 Datasheet HTML 7Page - Linear Technology LTC3892 Datasheet HTML 8Page - Linear Technology LTC3892 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC7821
4
Rev A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VIN_SENSE = 48V, VRUN = 5V, EXTVCC = 9V,
EXT_REF = 5.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INTVCC Linear Regulator
VINTVCC
Internal VCC Regulator
10V < VIN < 72V, VEXTVCC = 0V
5.65
5.8
5.95
V
VLDOINT
INTVCC Load Regulation
ICC = 1mA to 50mA, VIN = 12V, VEXTVCC = 0V
–0.6
–2
%
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive, ICC = 1mA
7
V
VEXTVCC_HYS
EXTVCC Switchover Voltage Hysteresis
200
mV
VLDOEXT
EXTVCC Load Regulation
VEXTVCC = 12V, ICC = 1mA to 50mA
–0.6
–2
%
Oscillator and Phase Lock Loop
fNOM
Nominal Frequency
RFREQ = 68kΩ
440
490
550
kHz
fLOW
Lowest Frequency
VFREQ = 0V
20
50
100
kHz
fHIGH
Highest Frequency
VFREQ = INTVCC
1400
1700
2000
kHz
fSYNC_LOW
Lowest Synchronizing Frequency
200
kHz
fSYNC_HIGH
Highest Synchronizing Frequency
1500
KHz
IFREQ
Frequency Setting Current
VFREQ = 0V
l
–9
–10
–11
µA
RMODE/PLLIN
MODE/PLLIN Resistance
250
kΩ
CLKOUTHIGH
CLKOUT High Amplitude
2.4
V
CLKOUTLOW
CLKOUT Low Amplitude
0
V
PGOOD Output
VPG1
PGOOD 1st Trip Level (with Delay)
VFB with Respect to Regulated Voltage
VFB Ramping Up (Overvoltage 1st Level)
VFB Ramping Down (Undervoltage 1st
Level)
6
–5.5
8.5
–7.5
11
–9.5
%
%
VPG1_HYST
PGOOD 1st Trip Level Hysteresis (with Delay)
15
mV
VPG2
PGOOD 2nd Trip Level
VFB with Respect to Regulated Voltage
VFB Ramping Up (Overvoltage 2nd Level)
VFB Ramping Down (Undervoltage 2nd
Level)
15
–25
%
%
VPG2_HYST
PGOOD 2nd Trip Level Hysteresis
15
mV
VPGL
PGOOD Voltage Low
IPGOOD = 0.6mA
0.4
0.5
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 80V
1
μA
Capacitor Balancing
VTIMER_LOW
Voltage At TIMER Pin To Start Capacitor
Balancing
0.5
V
VTIMER_HIGH
Voltage At TIMER Pin To Stop Capacitor
Balancing
1.25
V
ITIMER
TIMER Pin Charge Current
VTIMER = 0.9V
VTIMER = 2.8V
l
l
–6
–3
–7
–3.5
–8
–4
µA
µA
VHYS_PRGM
Capacitor Balancing Window Comparator
Threshold
VHYS_PRGM = 0V
VHYS_PRGM = 1.2V
VHYS_PRGM = INTVCC
±0.3
±1.2
±0.8
V
V
V
IHYS_PRGM
HYS_PRGM Pin Current
VHYS_PRGM = 0V
l
–9
–10
–11
μA
VFAULT
FAULT Pin Voltage Low
IFAULT = 0.6mA
0.2
0.4
V
IFAULT
FAULT Leakage Current
VFAULT = 80V
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com