Electronic Components Datasheet Search
  English  ▼

X  

LTC3892 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3892
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3892 Datasheet(HTML) 3 Page - Linear Technology

  LTC3892 Datasheet HTML 1Page - Linear Technology LTC3892 Datasheet HTML 2Page - Linear Technology LTC3892 Datasheet HTML 3Page - Linear Technology LTC3892 Datasheet HTML 4Page - Linear Technology LTC3892 Datasheet HTML 5Page - Linear Technology LTC3892 Datasheet HTML 6Page - Linear Technology LTC3892 Datasheet HTML 7Page - Linear Technology LTC3892 Datasheet HTML 8Page - Linear Technology LTC3892 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC7821
3
Rev A
For more information www.analog.com
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VIN
Input Voltage Range
10
72
V
Output Voltage Range
(Note 4)
0.9
VIN
2
– 2.5
V
VFB
Regulated Feedback Voltage
ITH Voltage (Note 5)
l
0.792
0.8
0.808
V
IFB
Feedback Current
(Note 5)
±10
±50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 36V to 72V (Note 5)
0.003
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 5)
ΔITH Voltage = 1.2V to 0.7V
ΔITH Voltage = 1.2V to 1.6V
l
l
0.016
–0.016
0.1
–0.1
%
%
gm
Transconductance Amplifier gm
ITH = 1.2V; Sink/Source 5µA (Note 5)
2
mmho
IVIN
Input DC Supply Current
Normal Mode
Shutdown
Precharging Phase
(Note 6)
VRUN = 0V, EXTVCC = 0V
VIN = 20V, VMID = VMID_SENSE = 9V,
VSW1 = 15V, VSW3 = 10V
VIN = 48V, VMID = VMID_SENSE = 20V,
VSW1 ≥ 36V, VSW3 = 12V
0.5
240
40
84
mA
µA
mA
mA
IVIN_SENSE
Input DC Supply Current
Normal Mode
Shutdown
(Note 6)
VRUN = 0V
1
45
mA
µA
IEXTVCC
Input DC Supply Current
(Note 6)
2.2
mA
IMID
MID Pin Current
45
μA
IMID_SENSE
MID_SENSE Pin Current
4
μA
VUVLO
VIN Undervoltage Lockout
VIN Ramping Up
l
8.8
9.4
V
VUVLO_HYST
UVLO Hysteresis
0.28
V
VSENSE
Current Sense Threshold
VISNS– = 0V
l
45
50
55
mV
ISNS+/-
ISNS+ and ISNS– Pin Current
VISNS+ = VISNS– = 12V
l
1.2
μA
ITRACK/SS
Soft-Start Charge Current
VTRACK/SS = 0V
–9
–10
–11
μA
VRUN_ON
RUN Pin On Threshold
VRUN Rising
l
1.1
1.3
1.6
V
IRUN
RUN Pin Current
VRUN = 0V
1
μA
VRUN_HYST
RUN Pin Hysteresis
0.1
V
VEXT_REF_UC
EXT_REF Upper Clamp Limit
(Note 5)
l
0.85
0.9
V
VEXT_REF_LC
EXT_REF Lower Clamp Limit
(Note 5)
l
0.40
0.45
V
VSEL_EXT_REF
EXT_REF De-Select Threshold (Ramping Up)
1.3
V
IEXT_REF
EXT_REF Pin Current
VEXT_REF = 0.6V
–150
nA
VTEMP_TRIP
TEMP Pin Trip Point, Rising
l
1.22
1.25
V
VTEMP_TRIP_HYST TEMP Pin Trip Point Hysteresis
100
mV
ITEMP
TEMP Pin Current
VTEMP = 1V
1
nA
VBSTUVLO
Undervoltage Lockout of (BOOST1-SW1),
(BOOST2- VMID) and (BOOST3-SW3)
Difference Voltage, Rising
4.4
V
VBSTUVLO_HYST
Bootstrap Undervoltage Lockout Hysteresis
1.4
V
TOUT
TEMP Trip TimeOut
100
ms
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VIN_SENSE = 48V, VRUN = 5V, EXTVCC = 9V,
EXT_REF = 5.6V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com