Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3871
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 2Page - Linear Technology LTC3871 Datasheet HTML 3Page - Linear Technology LTC3871 Datasheet HTML 4Page - Linear Technology LTC3871 Datasheet HTML 5Page - Linear Technology LTC3871 Datasheet HTML 6Page - Linear Technology LTC3871 Datasheet HTML 7Page - Linear Technology LTC3871 Datasheet HTML 8Page - Linear Technology LTC3871 Datasheet HTML 9Page - Linear Technology LTC3871 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC7821
6
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency and Power Loss
In Different Modes vs Load Current
LTC7821 Start-Up Characteristic
(Pre-Balancing Period)
LTC7821 Start-Up Characteristic
TA = 25°C, unless otherwise noted.
Shutdown Current vs Temperature
Quiescent Current vs Temperature
Shutdown (RUN) Threshold
vs Temperature
Input Voltage UVLO Threshold
vs Temperature
HYS_PRGM, TRACK/SS and FREQ
Pin Current vs Temperature
CCM
DCM
BURST
VIN = 48V
VOUT = 12V
fOSC = 500kHz
LOAD CURRENT (A)
PAGE 1
SCHEMATIC
0.1
1
10
100
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
7821 G01
100ms/DIV
VIN
50V/DIV
TIMER
1V/DIV
SW1 TO SW3
20V/DIV
MID
20V/DIV
7821 G02
100ms/DIV
VIN
50V/DIV
PGOOD
5V/DIV
FAULT
5V/DIV
VOUT
10V/DIV
7821 G03
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
150
200
250
300
350
400
7821 G05
IVIN
IVIN_SENSE
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
7821 G06
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.10
1.15
1.20
1.25
1.30
1.35
1.40
7821 G07
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
8.0
8.2
8.4
8.6
8.8
9.0
7821 G08
HYS_PRGM Pin
TRACK/SS Pin
FREQ Pin
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
9.6
9.7
9.8
9.9
10.0
10.1
10.2
10.3
7821 G09
fSW = 500KHz
VOUT = 12V
CCM
IOUT = 20A
IOUT = 10A
INPUT VOLTAGE (V)
30
40
50
60
70
80
93
94
95
96
97
98
99
100
7821 G02
PAGE 1
SCHEMATIC
Efficiency at Various VIN
for VOUT = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com