Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC3871
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 28Page - Linear Technology LTC3871 Datasheet HTML 29Page - Linear Technology LTC3871 Datasheet HTML 30Page - Linear Technology LTC3871 Datasheet HTML 31Page - Linear Technology LTC3871 Datasheet HTML 32Page - Linear Technology LTC3871 Datasheet HTML 33Page - Linear Technology LTC3871 Datasheet HTML 34Page - Linear Technology LTC3871 Datasheet HTML 35Page - Linear Technology LTC3871 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTC7821
36
Rev A
For more information www.analog.com
ANALOG DEVICES, INC. 2017-2018
D16842-0-4/18(A)
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC7820
Fixed Ratio High Power Inductorless (Charge Pump)
DC/DC Controller
6V < V ≤ VIN 72V, Fixed 50% Duty Cycle, 100kHz to 1MHz Switching Frequency
(4mm × 5mm) UFD Package
LTC3895
150V Low IQ, Synchronous Step-Down DC/DC
Controller
4V ≤ VIN ≤ 140V, 150VPK, 0.8V ≤ VOUT ≤ 24V, IQ = 50µA, PLL Fixed Frequency
50kHz to 900kHz
LTC3810
100V Synchronous Step-Down DC/DC Controller
Constant On-Time Valley Current Mode 6.2V ≤ VIN ≤ 100V, 0.8V ≤ VOUT ≤ 0.93VIN,
SSOP-28
LTC3891
60V, Low IQ, Synchronous Step-Down DC/DC
Controller with 99% Duty Cycle
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, IQ = 50µA, PLL Fixed Frequency 50kHz to
900kHz
LT3840
60V, Low IQ, Synchronous Step-Down Controller
with Integrated Buck-Boost Bias Voltage Regulator
2.5V ≤ VIN ≤ 60V, 1.23V ≤ VOUT ≤ 60V, IQ = 75µA, Synchronizable Fixed Frequency
100kHz to 600kHz
LTC3892/
LTC3892-1
60V Low IQ, Dual, 2-Phase Synchronous Step-Down
DC/DC Controller with 99% Duty Cycle
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 0.99VIN, PLL Fixed Frequency 50kHz to 900kHz,
Adjustable 5V to 10V Gate Drive, IQ = 29µA
LTC7813
Low IQ, Synchronous Boost + Buck
DC/DC Controller
4.5V (Down to 2.2V After Start-Up) ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 60V, Adjustable 5V
to 10V Gate Drive, IQ = 33µA
LT8705A
80V VIN and VOUT Synchronous 4-Switch
Buck-Boost DC/DC Controller
2.8V ≤ VIN ≤ 80V, 100kHz to 400kHz Programmable Operating Frequency
(5mm × 7mm) QFN-38 and TSSOP-38
LTC3886
60V Dual Output Step-Down Controller with PSM
4.5V ≤ VIN ≤ 60V, 0.5V ≤ VOUT (±0.5%) ≤ 13.8V, Input Current Sense, I2C/PMBus
Interface with EEPROM and 16-Bit ADC
LTC3871
Bidirectional Multiphase Synchronous Buck or Boost
Controller
Regulation of Input Voltage, Output Voltage or Current VHIGH Up to 100V, VLOW
Voltages Up to 30V
High Efficiency 500kHz 2-Phase 48V to 12V at 40A Step-Down Converter
L1, 2µH
CFLY1
10µF
×8
R1
14.7k
CB1
0.22µF
CB2
0.47µF
CB3
1µF
CVCC
4.7µF
CIN
100µF
×2
M1
M2
M3
M4
R2, 100
C6, 0.1µF
R9
R11
55.57k
8V
C1
1µF
R5
10k
R4
10k
C10
0.1µF
C9
0.015µF
COUT
150µF
×4
VOUT
12V, 40A
R3, 1k
RFB1
60.4k
RFB2
4.32k
C5
0.1µF
C7, 0.1µF
C3
10µF
×4
R6, 68k
R7, 100k
R8
6.81k
C11
0.22µF
VIN_SENSE
VIN
TEMP
CLKOUT
TIMER
RUN
FREQ
HYS_PRGM
EXT_REF
FAULT
PGOOD
MODE/PLLIN
ITH
TRACK/SS
EXTVCC
VFB
ISNS+
ISNS–
PGND
INTVCC
BG2
SW3
BOOST3
TG2
MID_SENSE
MID
BOOST2
BG1
SW1
BOOST1
7821 TA02
TG1
INTVCC1
D1
D2
D3
INTVCC1
INTVCC2
8V
PGOOD
FAULT
C8
100pF
+
C2
10µF
×8
+
C4
2.2µF
×6
VIN
36V TO 72V
VIN_SENSE
VIN
TEMP
TIMER
RUN
FREQ
HYS_PRGM
EXT_REF
FAULT
PGOOD
MODE/PLLIN
ITH
TRACK/SS
EXTVCC
VFB
ISNS+
ISNS–
PGND
INTVCC
BG2
SW3
BOOST3
TG2
MID_SENSE
MID
BOOST2
BG1
SW1
BOOST1
TG1
INTVCC2
V8
L2, 2µH
CFLY2
10µF
×8
CB4
0.22µF
C13
0.1µF
C12
1µF
CB5
0.47µF
CB6
1µF
CVCC1
4.7µF
M5
M8
M7
M6
R16
6.81k
R15, 100k
R14, 100k
R10, 100
R13, 1k
C22
0.22µF
D4
D5
D6
C17
0.1µF
C18
10µF
×8
R9 : MURATA PRF15BC102RB6RC
M1, M5: INFINEON BSC057N08NS3
M2, M3, M6, M7: INFINEON BSC032N04LS
M4, M6: INFINEON BSC014N04LSI
L1, L2 : COILCRAFT SER2011-202ML
CFLY1, CFLY2, C2, C18: MURATA GRM32ER71H106KA12
D1 TO D6 : CENTRAL SEMICONDUCTOR CMDSH-4
VOUT
VOUT
12V
8V
TO EXTVCC PIN OF LTC7821
VIN
LTC3621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com