Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3871
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 23Page - Linear Technology LTC3871 Datasheet HTML 24Page - Linear Technology LTC3871 Datasheet HTML 25Page - Linear Technology LTC3871 Datasheet HTML 26Page - Linear Technology LTC3871 Datasheet HTML 27Page - Linear Technology LTC3871 Datasheet HTML 28Page - Linear Technology LTC3871 Datasheet HTML 29Page - Linear Technology LTC3871 Datasheet HTML 30Page - Linear Technology LTC3871 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
LTC7821
27
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 19a shows a typical LTC7821 output stage setup
while 19b shows the equivalent circuit. Note that M3 and
M4 form the buck converter switches, taking its power
from MID, with its voltage given by:
VMID =
VIN
2
– IOUT •
VOUT
VIN
•
1
h
⎛
⎝⎜
⎞
⎠⎟
• ZMID
where h = efficiency of the buck converter.
A good conservative number to use for h is 0.9.
The above equation gives us the average MID voltage
and does not include the AC ripple on it. The CMID ripple
voltage is given by (see CFLY and CMID Selection section):
VCMID _RIPPLE =
IOUT • tON
2CMID
Therefore the maximum deviation of MID voltage from
VIN/2 is given by:
ΔVMID _IDEAL =
VIN
2
– VMID –
IOUT • tON
2CMID
UsetheaboveequationasaguidelinetosettheHYS_PRGM
voltage.
Design Example
A 48V to 5V, 25A operating at 500kHz application is used
as an example. Since the output current is high, DCR
sensing is used to regulate the current loop.
For 500kHz operation, a 68k resistor is connected from
FREQ to ground.
Since VIN = 48V, Infineon BSC027N06LS5 is chosen for
M1. This is an 60V MOSFET. For M2 to M4, 30V MOSFETs
are sufficient for this application. For M2 and M3, Infineon
BSC032N04LSareselectedandanInfineonBSC014N04LSI
is selected for M4.
M1, M3 DUTY CYCLE =
5
24
= 0.208
TOFF = (1– 0.208)• 2µs = 1.58µs
With inductor current ripple initially scaled to 40% of
output current, ΔIL = 0.4 • 25 = 10A,
Hence, L =
VOUT • TOFF
ΔIL
=
5 •1.58 •10 – 6
10
= 0.79µH
An inductance of 0.9µH is selected (Coilcraft SER2011-
901L) instead and this give ΔIL = 8.8A. The RMS current
through the inductor is:
IRMS _L = I2OUT+
ΔI2L
12
⎛
⎝
⎜
⎞
⎠
⎟
= 25
2 + 0.4
2
12
= 25.2A
From the manufacturer data sheet, the rise in temperature
oftheinductoris15°C.However,thisrisedoesnotaccount
for the conduction of heat from the MOSFETs through the
PCB that increases the overall inductor’s temperature.
Depending on how the board is being laid out and how
much air flow is applied, the net increase in temperature
could be higher. For this design example, assume the net
temperature rise to be 50°C.
The typical DCR of the inductor is typically 1.2mΩ with a
maximum of 1.34 mΩ and with a 50°C rise in temperature
and assuming the temperature coefficient of the DCR at
0.4%/°C, the maximum DCR is:
RDCΔ = 15°C = 1.34 • 1+
0.4 • 50
100
⎛
⎝⎜
⎞
⎠⎟
•10 –3
= 1.61m Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com